Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3906
Description  350mW, PNP Small Signal Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3906 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MMBT3906 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MMBT3906 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
Z
X
Y
C
E
Document Number: DS_S1412033
Version: F14
0.10 REF
0.004 REF
MMBT3906
Small Signal Product
PART NO.
SUFFIX (Note 1)
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
RF
SOT-23
G
-xx
MMBT3906 RF
MMBT3906
RF
Multiple manufacture
source
MMBT3906
-D0
RF
G
Defined manufacture
source
Green compound
MMBT3906 RFG
MMBT3906
RF
G
PACKING
3K / 7" Reel
DIM.
Unit(mm)
Unit(inch)
0.55 REF
0.022 REF
Multiple manufacture
source
Green compound
EXAMPLE
MMBT3906
10K / 13" Reel
R5
MMBT3906-B0 RFG MMBT3906
-B0
RF
G
Defined manufacture
source
Green compound
MMBT3906-D0 RFG
DIM
Unit (mm)
Unit (inch)
TYP
TYP
2.8
0.11
1.0
0.04
0.7
0.03
0.9
0.04
1.9
0.07



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com