Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1421 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology LTC1421 Datasheet HTML 10Page - Linear Technology LTC1421 Datasheet HTML 11Page - Linear Technology LTC1421 Datasheet HTML 12Page - Linear Technology LTC1421 Datasheet HTML 13Page - Linear Technology LTC1421 Datasheet HTML 14Page - Linear Technology LTC1421 Datasheet HTML 15Page - Linear Technology LTC1421 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
When VCCLO collapses, there is enough energy stored on
the 1
µF capacitor connected to AUXVCC to keep the gate
discharge circuitry alive long enough to fully turn off the
external N-channels.
Power N-Channel Selection
The RDS(ON) of the external pass transistor must be low
enough so that the voltage drop across it is about 200mV
or less at full current. If the RDS(ON) is too high, the voltage
drop across the transistor might cause the output voltage
to trip the reset circuit. Table 2 lists the transistors that are
recommended for use with the LTC1421.
Table 2. N-Channel Selection Guide
CURRENT
PART
LEVEL (A)
NUMBER
MANUFACTURER
DESCRIPTION
0 to 1
MMDF2N02E
Motorola
Dual N-Channel SO-8
RDS(ON) = 0.1Ω
1 to 2
MMDF3NO2HD
Motorola
Dual N-Channel SO-8
RDS(ON) = 0.09Ω
2 to 5
MTB30N06
Motorola
Single 30A
N-Channel DD Pak
RDS(ON) = 0.05Ω
5 to 10
MTB50N06E
Motorola
Single
N-Channel DD Pak
RDS(ON) = 0.025Ω
10 to 20
MTB75N05HD
Motorola
Single
N-Channel DD Pak
RDS(ON) = 0.0095Ω
Data Bus
When a board is inserted or removed from the host, care
must be given to prevent the system data bus from being
corrupted when the data pins make or break contact. One
problem is that the fully discharged input or output capaci-
tance of the logic gates on the board will draw an inrush
current when the data bus pins first make contact. The
inrush current can temporarily corrupt the data bus, but
usually will not cause long term damage. The problem can
be minimized by insuring the input or output data bus
capacitance is kept as small as possible.
The second, and more serious problem involves the
diodes to VCC at the input and output of most logic families
(Figure 12).
VCC
OUT
BACKPLANE
BOARD
D1
D2
1421 F12
DATA
BUS
Figure 12. Typical Logic Gate Loading the Data Bus
Figure 13: Buffering the Data Bus
+
21
20
C4
2200
µF
22
23
5
12
24
3
14
4
17
7
18
8
21
11
22
12
2
15
5
16
6
SYSTEM
DATA BUS
BOARD
DATA BUS
19
9
20
10
23
1
13
QS3384
VCC
GND
1421 F13
VCC
5V
LTC1421
R1
0.005
Ω
Q1
MTB50N06E
GND
DISABLE
With the board initially unpowered, the VCC input to the
logic gate is at ground potential. When the data bus pins
make contact, the bus line is clamped to ground through
the input diode D1 to VCC. Large amounts of current can
flow through the diode and cause the logic gate to latch up
and destroy itself when the power is finally applied. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com