Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1421 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology LTC1421 Datasheet HTML 22Page - Linear Technology LTC1421 Datasheet HTML 23Page - Linear Technology LTC1421 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1421/LTC1421-2.5
APPLICATIONS INFORMATION
Figure 21. – 48V to 5V Hot Swappable Supply
Figure 22. 24V to 5V Hot Swappable Supply Using the LT1074CT
10
9
13
14
8
11
15
6
7
2
24
4
3
1
LTC1421
16
R4
300
Ω
1/8W
R3
56k
1/8W
Q2
MPSA06
Q1
IRFR9110
C1
1
µF
17
18
19
20
21
22
5
12
23
+
C2
2.2
µF
25V
R1
5k
1/4W
D1
5V
S1
+
C3
2.2
µF
25V
+
C4
200
µF
50V
D4
MBR745
L1
50
µH
2
5
1
3
4
+
+
C5
500
µF
25V
5V
5A
C6
0.01
µF
+
1421 F22
PC BOARD
BACKPLANE
24V
POR
FAULT
R5
10k
1/2W
R9
2.7k
R6
620
Ω
1/8W
R2
15k
1/8W
R7
2.8k
1%
R8
2.21k
1%
LT1074CT
GND
VIN
VSW
VC
FB
LTC1421
17
8
14
13
15
18
11
1
24
12
3
2
19
22
23
4N25
5V
10A
1421 F21
VICOR
VI-J30-CY
GATE IN
5k
D1
4.3V
0.1
µF
0.1
µF
10k
300
Ω
100
Ω
1N4148
4.5k
PC BOARD
BACKPLANE
– 48V
– 48V
0.1
µF
100
µF
100
µF
++
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com