Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1421 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1421
Description  Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1421 Datasheet HTML 16Page - Linear Technology LTC1421 Datasheet HTML 17Page - Linear Technology LTC1421 Datasheet HTML 18Page - Linear Technology LTC1421 Datasheet HTML 19Page - Linear Technology LTC1421 Datasheet HTML 20Page - Linear Technology LTC1421 Datasheet HTML 21Page - Linear Technology LTC1421 Datasheet HTML 22Page - Linear Technology LTC1421 Datasheet HTML 23Page - Linear Technology LTC1421 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1421/LTC1421-2.5
©LINEAR TECHNOLOGY CORPORATION 1996
142125fa LT/TP 1098 2K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATION
10
11
6
7
8
14
13
15
9
1
24
4
5
3
2
12
LTC1421
Q3
1/2 IRF7101
Q2
1/2 IRF7101
PCI
CONNECTOR
Q1
IRF7413
16
17
R11
10
Ω
C2
0.22
µF
24V
R4
30
Ω
18
19
20
21
22
23
Q4
IRF7413
12V
3.3A CIRCUIT BREAKER
3.3V
11.5A CIRCUIT BREAKER
5V
10A CIRCUIT BREAKER
R10
100k
R13
5.1k
R5
20k
R12
10
Ω
C1
1
µF
16V
R1
0.005
Ω
5%
1/2W
R14
5.1k
R2
0.015
Ω
5%
1W
R8
5.62k
1%
1/16W
R3
0.005
Ω
5%
1W
+
POWER GOOD
RST #
SELECT BITS
BUS ENABLE
FAULT
12V
500mA
3.3V
7.5A
5V
5A
ON/OFF
DATA BUS
–12V
100mA
PCI POWER
CONTROLLER
QuickSwitch
R7
130k
R9
10
Ω
Q5
TP0610T
C3
1
µF
24V
R6
100
Ω
1%
1/16W
– 12V
NO CIRCUIT BREAKER
GND
1421 F27
ALL RESISTORS 5%, 1/16W EXCEPT WHERE NOTED
RST #
LOGIC
PCI PERIPHERAL
MOTHERBOARD OR BACKPLANE
Figure 27. PCI Power Controller
PART NUMBER
DESCRIPTION
COMMENTS
LTC1155
Dual High Side Switch Driver
Short-Circuit Protection and Micropower Standby Operation
LTC1477/LTC1478
Single and Dual Protected High Side Switches
Inrush Current Limited, Built-In 2A Short-Circuit Protection
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com