Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1790 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1790 Datasheet HTML 15Page - Linear Technology LT1790 Datasheet HTML 16Page - Linear Technology LT1790 Datasheet HTML 17Page - Linear Technology LT1790 Datasheet HTML 18Page - Linear Technology LT1790 Datasheet HTML 19Page - Linear Technology LT1790 Datasheet HTML 20Page - Linear Technology LT1790 Datasheet HTML 21Page - Linear Technology LT1790 Datasheet HTML 22Page - Linear Technology LT1790 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT1790
19
1790fb
APPLICATIONS INFORMATION
Bypass and Load Capacitors
The LT1790 voltage references should have an input bypass
capacitor of 0.1μF or larger, however the bypassing of other
local devices may serve as the required component. These
references also require an output capacitor for stability.
The optimum output capacitance for most applications
is 1μF, although larger values work as well. This capaci-
tor affects the turn-on and settling time for the output to
reach its final value.
All LT1790 voltages perform virtually the same, so the
LT1790-2.5 is used as an example.
Figure 1 shows the turn-on time for the LT1790-2.5 with a
1μF input bypass and 1μF load capacitor. Figure 2 shows
the output response to a 0.5V transient on VIN with the
same capacitors.
The test circuit of Figure 3 is used to measure the stability
of various load currents. With RL=1k,the1Vstepproduces
a current step of 1mA. Figure 4 shows the response to a
± 0.5mA load. Figure 5 is the output response to a sourcing
step from 4mA to 5mA, and Figure 6 is the output response
of a sinking step from –4mA to –5mA.
Figure 1. Turn-On Characteristics of LT1790-2.5
Figure 2. Output Response to 0.5V Ripple on VIN
Figure 3. Response Time Test Circuit
Figure 4. LT1790-2.5 Sourcing and Sinking 0.5mA
Figure 5. LT1790-2.5 Sourcing 4mA to 5mA
LT1790-2.5
CIN
0.1μF
CL
1μF
VGEN
1790 F03
1V
VIN
3V
4
1, 2
1k
6
1790 F01
3V
VIN
VOUT
2V
0V
1V
1790 F02
3V
VIN
VOUT
2V
0V
1V
1790 F04
VGEN
VOUT
(AC COUPLED)
3V
2V
1790 F05
VGEN
VOUT
(AC COUPLED)
–3V
–2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com