Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1790 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 2 Page - Linear Technology

  LT1790 Datasheet HTML 1Page - Linear Technology LT1790 Datasheet HTML 2Page - Linear Technology LT1790 Datasheet HTML 3Page - Linear Technology LT1790 Datasheet HTML 4Page - Linear Technology LT1790 Datasheet HTML 5Page - Linear Technology LT1790 Datasheet HTML 6Page - Linear Technology LT1790 Datasheet HTML 7Page - Linear Technology LT1790 Datasheet HTML 8Page - Linear Technology LT1790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT1790
2
1790fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT1790ACS6-1.25#PBF
LT1790ACS6-1.25#TRPBF
LTXT
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-1.25#PBF
LT1790AIS6-1.25#TRPBF
LTXT
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-1.25#PBF
LT1790BCS6-1.25#TRPBF
LTXT
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-1.25#PBF
LT1790BIS6-1.25#TRPBF
LTXT
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790ACS6-2.048#PBF
LT1790ACS6-2.048#TRPBF
LTXU
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-2.048#PBF
LT1790AIS6-2.048#TRPBF
LTXU
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-2.048#PBF
LT1790BCS6-2.048#TRPBF
LTXU
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-2.048#PBF
LT1790BIS6-2.048#TRPBF
LTXU
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790ACS6-2.5#PBF
LT1790ACS6-2.5#TRPBF
LTPZ
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-2.5#PBF
LT1790AIS6-2.5#TRPBF
LTPZ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-2.5#PBF
LT1790BCS6-2.5#TRPBF
LTPZ
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-2.5#PBF
LT1790BIS6-2.5#TRPBF
LTPZ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790ACS6-3#PBF
LT1790ACS6-3#TRPBF
LTQA
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-3#PBF
LT1790AIS6-3#TRPBF
LTQA
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-3#PBF
LT1790BCS6-3#TRPBF
LTQA
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-3#PBF
LT1790BIS6-3#TRPBF
LTQA
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790ACS6-3.3#PBF
LT1790ACS6-3.3#TRPBF
LTXW
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-3.3#PBF
LT1790AIS6-3.3#TRPBF
LTXW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-3.3#PBF
LT1790BCS6-3.3#TRPBF
LTXW
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-3.3#PBF
LT1790BIS6-3.3#TRPBF
LTXW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790ACS6-4.096#PBF
LT1790ACS6-4.096#TRPBF
LTQB
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-4.096#PBF
LT1790AIS6-4.096#TRPBF
LTQB
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-4.096#PBF
LT1790BCS6-4.096#TRPBF
LTQB
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-4.096#PBF
LT1790BIS6-4.096#TRPBF
LTQB
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790ACS6-5#PBF
LT1790ACS6-5#TRPBF
LTQC
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790AIS6-5#PBF
LT1790AIS6-5#TRPBF
LTQC
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1790BCS6-5#PBF
LT1790BCS6-5#TRPBF
LTQC
6-Lead Plastic TSOT-23
0°C to 70°C
LT1790BIS6-5#PBF
LT1790BIS6-5#TRPBF
LTQC
6-Lead Plastic TSOT-23
–40°C to 85°C
Input Voltage.............................................................20V
Specified Temperature Range
Commercial............................................. 0°C to 70°C
Industrial .............................................– 40°C to 85°C
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
(Note 2)..................................................–40°C to 125°C
Storage Temperature Range
(Note 3).................................................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
*DNC: DO NOT CONNECT
VOUT
DNC*
VIN
GND
GND
DNC*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com