Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1790 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1790
Description  Micropower SOT-23 Low Dropout Reference Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1790 Datasheet HTML 17Page - Linear Technology LT1790 Datasheet HTML 18Page - Linear Technology LT1790 Datasheet HTML 19Page - Linear Technology LT1790 Datasheet HTML 20Page - Linear Technology LT1790 Datasheet HTML 21Page - Linear Technology LT1790 Datasheet HTML 22Page - Linear Technology LT1790 Datasheet HTML 23Page - Linear Technology LT1790 Datasheet HTML 24Page - Linear Technology LT1790 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT1790
21
1790fb
APPLICATIONS INFORMATION
Figure 9. Worst-Case –40°C to 85°C Hysteresis on 80 Units
Figure 8. Worst-Case 0°C to 70°C Hysteresis on 79 Units
Hysteresis
Hysteresis data shown in Figures 8 and 9 represent the
worst-case data taken on parts from 0°C to 70°C and from
– 40°C to 85°C. Units were cycled several times over these
temperature ranges and the largest change is shown. As
expected, the parts cycled over the higher temperature
range have higher hysteresis than those cycled over the
lower range.
In addition to thermal hysteresis, the thermal shock as-
sociated with high temperature soldering may cause the
output to shift. For traditional PbSn solder temperatures,
the output shift of the LT1790 is typically just 150ppm
(0.015%).
DISTRIBUTION (ppm)
–60 –50 –40 –30 –20 –10
0
10
20
30
40
50
60
1790 F08
30
20
0
10
25
15
5
70°C TO 25°C
0°C TO 25°C
DISTRIBUTION (ppm)
–100
–80
–60
–40
–20
0
20
40
60
80
100
20
25
30
1790 F09
15
10
0
5
50
45
40
–40°C TO 25°C
80°C TO 25°C
35
For lead-free solder, IR reflow temperatures are much
higher, often 240°C to 260°C at the peak. As a result, the
packaging materials have been optimized to reduce VOUT
shift as possible during high temperature reflow. In addi-
tion, care should be taken when using lead-free solder to
minimize the peak temperature and dwell time as much
as is practical. A typical lead-free reflow profile is shown
in Figure 10. LT1790 units were heated using a similar
profile, with a peak temperature of 250°C. These parts
were run through the heating process 3 times to show the
cumulative effect of these heat cycles. Figure 11 shows
MINUTES
02
46
8
10
150
120s
40s
tL
130s
RAMP
DOWN
tP
130s
1790 F10
75
0
300
225
380s
TP = 260°
T = 150°C
T = 190°C
TS(MAX) = 200°C
TL = 217°C
RAMP TO
150°C
Figure 10. Lead-Free Reflow Profile
PPM
010
20
30
40
50
4
5
6
1790 F11
3
2
0
1
9
8
7
Figure 11. 1X IR Reflow Peak Temperature = 250°C,
Delta Output Voltage (ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com