Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1877 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology LTC1877 Datasheet HTML 10Page - Linear Technology LTC1877 Datasheet HTML 11Page - Linear Technology LTC1877 Datasheet HTML 12Page - Linear Technology LTC1877 Datasheet HTML 13Page - Linear Technology LTC1877 Datasheet HTML 14Page - Linear Technology LTC1877 Datasheet HTML 15Page - Linear Technology LTC1877 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1877
1877i LT/TP 0500 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1174/LTC1174-3.3
High Efficiency Step-Down and Inverting DC/DC Converters
Monolithic Switching Regulators, IOUT to 450mA,
LTC1174-5
Burst Mode Operation
LTC1265
1.2A, High Efficiency Step-Down DC/DC Converter
Constant Off-Time, Monolithic, Burst Mode Operation
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequerncy, Small Inductor, High Efficiency
LTC1436/LTC1436-PLL High Efficiency, Low Noise, Synchronous Step-Down Converters 24-Pin Narrow SSOP
LTC1474/LTC1475
Low Quiescent Current Step-Down DC/DC Converters
Monolithic, IOUT to 250mA, IQ = 10µA, 8-Pin MSOP
LTC1504A
Monolithic Synchronous Step-Down Switching Regulator
Low Cost, Voltage Mode IOUT to 500mA, VIN from 4V to 10V
LTC1622
Low Input Voltage Current Mode Step-Down DC/DC Controller
High Frequency, High Efficiency, 8-Pin MSOP
LTC1626
Low Voltage, High Efficiency Step-Down DC/DC Converter
Monolithic, Constant Off-Time, IOUT to 600mA,
Low Supply Voltage Range: 2.5V to 6V
LTC1627
Monolithic Synchronous Step-Down Switching Regulator
Constant Frequency, IOUT to 500mA, Secondary Winding
Regulation, VIN from 2.65V to 8.5V
LTC1701
Monolithic Current Mode Step-Down Switching Regulator
Constant Off-Time, IOUT to 500mA, 1MHz Operation,
VIN from 2.5V to 5.5V
LTC1707
Monolithic Synchronous Step-Down Switching Regulator
1.19V VREF Pin, Constant Frequency, IOUT to 600mA,
VIN from 2.65V to 8.5V
LTC1735
High Efficiency, Synchronous Step-Down Converter
16-Pin SO and SSOP, VIN up to 36V, Fault Protection
LTC1772
Low Input Voltage Current Mode Step-Down DC/DC Controller
550kHz, 6-Pin SOT-23, IOUT up to 5A, VIN from 2.2V to 10V
LTC1878
High Efficiency Monolithic Step-Down Regulator
550kHz, MS8, VIN up to 6V, IQ = 10µA, IOUT to 600mA
©LINEAR TECHNOLOGY CORPORATION 2000
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
Single Lithium-Ion to 3.3V/0.3A Regulator
VOUT
3.3V/0.25A
220pF
10
µH*
887k
280k
1
2
3
4
1877 TA07
*TOKO D62CB A920CY-100M
**TAIYO YUDEN CERAMIC LMK325BJ106MN
***SANYO POSCAP 6TPA47M
20pF
10
µF**
LTC1877
RUN
ITH
VFB
GND
8
7
6
5
PLL LPF
SYNC/MODE
VIN
SW
47
µF***
VIN
Li-Ion BATTERY
3V TO 4.2V
+
–
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com