Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1877 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 4 Page - Linear Technology

  LTC1877 Datasheet HTML 1Page - Linear Technology LTC1877 Datasheet HTML 2Page - Linear Technology LTC1877 Datasheet HTML 3Page - Linear Technology LTC1877 Datasheet HTML 4Page - Linear Technology LTC1877 Datasheet HTML 5Page - Linear Technology LTC1877 Datasheet HTML 6Page - Linear Technology LTC1877 Datasheet HTML 7Page - Linear Technology LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1877
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CURRENT (mA)
0.1
10
1000
95
90
85
80
75
70
65
60
55
50
1877 • G04
1.0
100
L = 10
µH
VOUT = 2.5V
VIN = 3.6V
VIN = 10V
VIN = 7.2V
VIN = 5V
TEMPERATURE (
°C)
–50
0.814
0.809
0.804
0.799
0.794
0.789
0.784
25
75
1877 • G05
–25
0
50
100
125
VIN = 5V
TEMPERATURE (
°C)
–50
605
595
585
575
565
555
545
535
525
515
505
495
100
75
1877 • G06
–25
0
50
25
125
VIN = 5V
Efficiency vs Output Current
Reference Voltage vs
Temperature
Oscillator Frequency vs
Temperature
SUPPLY VOLTAGE (V)
0
605
595
585
575
565
555
545
535
525
515
505
495
12
10
1877 • G07
2
4
8
6
Oscillator Frequency vs Supply
Voltage
INPUT VOLTAGE (V)
0
1
357
9
1.2
1.0
0.8
0.6
0.4
0.2
0
246
8
1877 • G09
10
MAIN SWITCH
SYNCHRONOUS
SWITCH
Output Voltage vs Load Current
LOAD CURRENT (mA)
0
800
1877 • G08
200
400
600
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
2.44
2.43
PULSE SKIPPING MODE
VIN = 4.2V
L = 10
µH
RDS(ON) vs Input Voltage
INPUT VOLTAGE (V)
0
250
200
150
100
50
0
8
1877 • G11
2
4
6
10
PULSE SKIPPING MODE
Burst Mode OPERATION
VOUT = 1.8V
RDS(ON) vs Temperature
DC Supply Current vs Input
Voltage
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
25
75
1877 • G10
–25
0
50
100
125
VIN = 3V
VIN = 5V
SYNCHRONOUS SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50
300
250
200
150
100
50
0
25
75
1877 G19
–25
0
50
100
125
VIN = 5V
PULSE SKIPPING MODE
BURST MODE OPERATION
DC Supply Current vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com