Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1877 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 5 Page - Linear Technology

  LTC1877 Datasheet HTML 1Page - Linear Technology LTC1877 Datasheet HTML 2Page - Linear Technology LTC1877 Datasheet HTML 3Page - Linear Technology LTC1877 Datasheet HTML 4Page - Linear Technology LTC1877 Datasheet HTML 5Page - Linear Technology LTC1877 Datasheet HTML 6Page - Linear Technology LTC1877 Datasheet HTML 7Page - Linear Technology LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1877
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up from Shutdown
Burst Mode Operation
Load Step Response
Load Step Response
Load Step Response
Switch Leakage vs Input Voltage
INPUT VOLTAGE (V)
0
6
10
1877 • G13
24
8
16
14
12
10
8
6
4
2
0
RUN = 0V
MAIN SWITCH
SYNCHRONOUS
SWITCH
1877 • G15
RUN
5V/DIV
VOUT
1V/DIV
IL
500mA/DIV
VIN = 5V
VOUT = 1.5V
L = 10
µH
CIN = 10µF
COUT = 47µF
ILOAD = 500mA
50
µs/DIV
1877 • G16
ITH
1V/DIV
VOUT
50mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 5V
VOUT = 1.5V
L = 10
µH
CIN = 10µF
COUT = 47µF
ILOAD = 50mA TO 500mA
PULSE SKIPPING MODE
40
µs/DIV
1877 • G18
VOUT
50mV/DIV
AC COUPLED
IL
500mA/DIV
ITH
1V/DIV
VIN = 5V
VOUT = 1.5V
L = 10
µH
CIN = 10µF
COUT = 47µF
ILOAD = 200mA TO 500mA
PULSE SKIPPING MODE
20
µs/DIV
TEMPERATURE (
°C)
–50
1400
1200
1000
800
600
400
200
0
25
75
1877 • G12
–25
0
50
100
125
VIN = 10V
RUN = 0V
MAIN SWITCH
SYNCHRONOUS
SWITCH
Switch Leakage vs Temperature
1877 • G14
SW
5V/DIV
VOUT
20mV/DIV
AC COUPLED
IL
200mA/DIV
VIN = 5V
VOUT = 1.5V
CIN = 10µF
L = 10
µH
COUT = 47µF
ILOAD = 50mA
10
µs/DIV
1877 • G17
VOUT
50mV/DIV
AC COUPLED
IL
500mA/DIV
ITH
1V/DIV
VIN = 5V
VOUT = 1.5V
L = 10
µH
CIN = 10µF
COUT = 47µF
ILOAD = 50mA TO 500mA
Burst Mode OPERATION
10
µs/DIV
10
µs/DIV
40
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com