Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2408C Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2408C
Description  4-/8-Channel 24-Bit uPower No Latency ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2408C Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2408C Datasheet HTML 28Page - Linear Technology LTC2408C Datasheet HTML 29Page - Linear Technology LTC2408C Datasheet HTML 30Page - Linear Technology LTC2408C Datasheet HTML 31Page - Linear Technology LTC2408C Datasheet HTML 32Page - Linear Technology LTC2408C Datasheet HTML 33Page - Linear Technology LTC2408C Datasheet HTML 34Page - Linear Technology LTC2408C Datasheet HTML 35Page - Linear Technology LTC2408C Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35
LTC2404/LTC2408
Dimensions in millimeters (inches) unless otherwise noted.
PACKAGE DESCRIPTIO
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
12 3
4
5
6 7 8
9 10 11 12
14
13
10.07 – 10.33*
(0.397 – 0.407)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
These infrared thermocouples are self-contained: 1) they
do not require external cold junction compensation; 2)
they cannot use conventional open thermocouple detec-
tion schemes; and 3) their output impedances are high,
approximately 3k
Ω. Alternatively, conventional thermo-
couples can be connected directly to the LTC2408 (not
shown) and cold junction compensation can be provided
by an external temperature sensor connected to a different
channel (see the thermistor circuit on CH5) or by using the
LT1025, a monolithic cold-junction compensator IC.
The components connected to CH7 are used to sense
daylight or photodiode current with a resolution of 300pA.
In the figure, the photodiode is biased in photoconduc-
tive mode; however, the LTC2408 can accommodate
either photovoltaic or photoconductive configurations.
The photodiode chosen (Hammatsu S1336-5BK) pro-
duces an output of 500mA per watt of optical illumina-
tion. The output of the photodiode is dependent on two
factors: active detector area (2.4mm • 2.4mm) and
illumination intensity. With the 5k resistor, optical inten-
sities up to 368W/m2 at 960nM (direct sunlight is ap-
proximately 1000W/m2) can be measured by the LTC2408.
With a resolution of 300pA, the optical dynamic range
covers 6 orders of magnitude.
The application circuits shown connected to the LTC2408
demonstrate the mix-and-match capabilities of this multi-
plexed-input, high resolution
∆Σ ADC. Very low level
signals and high level signals can be accommodated with
a minimum of additional circuitry.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com