Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2408C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2408C
Description  4-/8-Channel 24-Bit uPower No Latency ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2408C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2408C Datasheet HTML 2Page - Linear Technology LTC2408C Datasheet HTML 3Page - Linear Technology LTC2408C Datasheet HTML 4Page - Linear Technology LTC2408C Datasheet HTML 5Page - Linear Technology LTC2408C Datasheet HTML 6Page - Linear Technology LTC2408C Datasheet HTML 7Page - Linear Technology LTC2408C Datasheet HTML 8Page - Linear Technology LTC2408C Datasheet HTML 9Page - Linear Technology LTC2408C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LTC2404/LTC2408
Total Unadjusted Error
(3V Supply)
INL (3V Supply)
Negative Extended Input Range
Total Unadjusted Error (3V Supply)
Positive Extended Input Range
Total Unadjusted Error (3V Supply)
Total Unadjusted Error
(5V Supply)
INL (5V Supply)
Negative Extended Input Range
Total Unadjusted Error (5V Supply)
Offset Error vs Reference Voltage
Positive Extended Input Range
Total Unadjusted Error (5V Supply)
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
–10
–5
0
5
10
0.5
1.0
1.5
2.0
24048 G01
2.5
3.0
TA = –55°C, –45°C, 25°C, 90°C
VCC = 3V
VREF = 3V
INPUT VOLTAGE (V)
0
–10
–5
0
5
10
0.5
1.0
1.5
2.0
24048 G02
2.5
3.0
TA = –55°C, –45°C, 25°C, 90°C
VCC = 3V
VREF = 3V
INPUT VOLTAGE (V)
– 0.30
–10
–5
0
5
10
– 0.25
– 0.20
– 0.15
– 0.10
24048 G03
– 0.05
0
VCC = 3V
VREF = 3V
TA = 90°C
TA = 25°C
TA = – 45°C
TA = – 55°C
INPUT VOLTAGE (V)
3.0
–10
–5
0
5
10
TA = – 55°C
VCC = 3V
VREF = 3V
3.1
3.2
24048 G04
3.3
TA = – 45°C
TA = 90°C
TA = 25°C
INPUT VOLTAGE (V)
0
2
6
10
4
24048 G05
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
TA = –55°C, –45°C, 25°C, 90°C
VCC = 5V
VREF = 5V
INPUT VOLTAGE (V)
0
0
5
4
24048 G06
–5
–10
1
2
3
5
10
TA = –55°C, –45°C, 25°C, 90°C
VCC = 5V
VREF = 5V
INPUT VOLTAGE (V)
– 0.30
–10
–5
0
5
10
– 0.25
– 0.20
– 0.15
– 0.10
24048 G07
– 0.05
0
VCC = 5V
VREF = 5V
TA = 90°C
TA = 25°C
TA = – 45°C
TA = – 55°C
INPUT VOLTAGE (V)
5.0
–10
–5
0
5
10
TA = – 55°C
VCC = 5V
VREF = 5V
5.1
5.2
24048 G08
5.3
TA = – 45°C
TA = 90°C
TA = 25°C
REFERENCE VOLTAGE (V)
0
10
15
4
24048 G10
5
0
1
2
3
5
20
VCC = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com