Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5632 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5632
Description  SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5632 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5632 Datasheet HTML 1Page - RF Micro Devices RF5632 Datasheet HTML 2Page - RF Micro Devices RF5632 Datasheet HTML 3Page - RF Micro Devices RF5632 Datasheet HTML 4Page - RF Micro Devices RF5632 Datasheet HTML 5Page - RF Micro Devices RF5632 Datasheet HTML 6Page - RF Micro Devices RF5632 Datasheet HTML 7Page - RF Micro Devices RF5632 Datasheet HTML 8Page - RF Micro Devices RF5632 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4 of 18
RF5632
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WiBro
Nominal Condition T=25 °C, VCC=5.0V, VREG 1, 2, and
3=5.0V, Frequency=2300MHz to 2400MHz. Duty
cycle 37% duty cycle unless otherwise noted.
Frequency Range
2300
2400
MHz
Compliance
IEEE802.16e
Output Power
28
28.5
dBm
With a standard IEEE802.116e waveform
BW=10MHz, VCC=5.0V
EVM
2.75
3.5
%
RMS, Mean; at POUT=28dBm
Gain
33
35
37.5
At rated POUT
Low Gain Mode - Gain Reduction
28
dB
Drop in gain versus high gain mode, by setting
VREG2=0.0V
Input Return Loss
-20
-12
dB
Power Detect Voltage
0.2
2.2
V
POUT=0 to 30dBm. Usable power detector range is
POUT=0 to 34dBm.
Noise Figure
5
dB
Power Supply
Operating Voltage
5
5.25
V
VREG1, VREG2, VREG3 Input Voltage
4.75
5
5.25
VDC
Operating
Current
Operating
800
950
mA
At POUT=28dBm and VCC=5.0V
Quiescent
400
500
600
mA
VCC=5.0V; VREG=5.0V
IREG
810
mA
VCC=5.0V; VREG=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com