Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF5632 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5632
Description  SINGLE 5.0V, 2.3 TO 2.7 GHZ LINEAR POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5632 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5632 Datasheet HTML 5Page - RF Micro Devices RF5632 Datasheet HTML 6Page - RF Micro Devices RF5632 Datasheet HTML 7Page - RF Micro Devices RF5632 Datasheet HTML 8Page - RF Micro Devices RF5632 Datasheet HTML 9Page - RF Micro Devices RF5632 Datasheet HTML 10Page - RF Micro Devices RF5632 Datasheet HTML 11Page - RF Micro Devices RF5632 Datasheet HTML 12Page - RF Micro Devices RF5632 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9 of 18
RF5632
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - WiBro 2.3GHz to 2.4GHz
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
17
18
19
20
21
22
23
24
C9
2.7 pF
J2
RFOUT
PDET
C6
100 pF
R3
390
VREG3
C5
DNP
R2
1.3K
VREG2
C4
DNP
R1
1.5K
VREG1
J1
RF
C10
1 pF
L3
18 nH
C11
1 uF
C17
10 uF
VCC
C19
2.4 pF
L6
3.9 nH
C8
2.4 pF
R4
22
P1
1
2
HDR_1X2
P1-1
VCC
GND
P2
1
2
3
4
5
HDR_1X5
PDET
VREG3
VREG2
VREG1
L5
2.4 nH
C13
6.2 pF
C16
10 pF
C7
330 pF
C1
DNP
C3
DNI
50 Ohm
C19: 45 mils from
package edge to
Cap center
C8: 64 mils from
C19 center to C8
center
C9: 30 mils from C8
center to C9 edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com