Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4501F Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4501F
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501F Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4501F Datasheet HTML 1Page - RF Micro Devices RFFM4501F Datasheet HTML 2Page - RF Micro Devices RFFM4501F Datasheet HTML 3Page - RF Micro Devices RFFM4501F Datasheet HTML 4Page - RF Micro Devices RFFM4501F Datasheet HTML 5Page - RF Micro Devices RFFM4501F Datasheet HTML 6Page - RF Micro Devices RFFM4501F Datasheet HTML 7Page - RF Micro Devices RFFM4501F Datasheet HTML 8Page - RF Micro Devices RFFM4501F Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFFM4501F
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT) (continued)
VCC = 3.3V, f = 5.15 - 5.85 GHz, PA_EN = High,
LNA_EN = Low, CRX = Low, T = +25ºC;
Unless otherwise noted
ANT Port Return Loss
10
15
dB
Operating Current
230
mA
POUT = 18dBm, 802.11ac MCS9 HT80
Operating Current
280
mA
POUT = 20dBm, 802.11ac MCS0 HT20 - HT80
PA Enable Current
30
50
uA
Leakage Current
2
10
uA
RF OFF, PA_EN = Low, LNA_EN = Low, CRX = Low
Second Harmonic
-35
dBm
POUT = 20dBm, MCS0 HT20
Third Harmonic
-40
dBm
Power Detector Voltage
0.25
V
POUT = RF OFF
Power Detector Voltage
0.85
V
POUT = 18dBm, 802.11ac MCS9 HT80
Transmit (TX-ANT)
VCC = 5.0V, f = 5.15 - 5.85 GHz, PA_EN = High,
LNA_EN = Low, CRX = Low, T = +25ºC;
Unless otherwise noted
802.11ac MCS9 HT80 Output Power
19.5
dBm
T = 25ºC, VCC = 5.0V
Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
802.11ac MCS9 HT80 Output Power
18
dBm
T = -20ºC to +85ºC, VCC = 5.0V
Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
802.11n MCS7 HT20 Output Power
20.5
dBm
T = 25ºC, VCC = 5.0V
Dynamic EVM
2.5
3.0
%
-32.0
-30.5
dB
802.11n MCS7 HT20 Output Power
19
dBm
T = -20 to +85ºC, VCC = 5.0V
Dynamic EVM
2.5
3
%
-32.0
-30.5
dB
Spectral Mask Output Power
21
dBm
T = 25ºC, VCC = 5.0V, 802.11ac MCS9 HT80
22
dBm
T = 25ºC, VCC = 5.0V, 802.11ac MCS0 HT20
Large Signal Gain
28
dB
Large Signal Gain
24
28
T = -20ºC to +85ºC, VCC = 5.0V
Gain Flatness Over Full Frequency band
-1.5
1.5
T = -25ºC, VCC = 5.0V
TX Port Return Loss
9
15
dB
ANT Port Return Loss
10
15
-
dB
Operating Current
300
mA
POUT = 19.5dBm, 802.11ac MCS9 HT80
Operating Current
330
mA
POUT = 21.5dBm, 802.11ac MCS0 HT20 - HT80
PA Enable Current
30
50
uA
Leakage Current
2
10
uA
RF OFF, PA_EN = Low, LNA_EN = Low, CRX = Low
Second Harmonic
-35
dBm
POUT = 21.5dBm, MCS0 HT20
Third Harmonic
-40
dBm
Power Detector Voltage
0.25
V
POUT = RF OFF
Power Detector Voltage
0.9
V
POUT = 19.5dBm, 802.11ac MCS9 HT80



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com