Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4501F Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4501F
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501F Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4501F Datasheet HTML 1Page - RF Micro Devices RFFM4501F Datasheet HTML 2Page - RF Micro Devices RFFM4501F Datasheet HTML 3Page - RF Micro Devices RFFM4501F Datasheet HTML 4Page - RF Micro Devices RFFM4501F Datasheet HTML 5Page - RF Micro Devices RFFM4501F Datasheet HTML 6Page - RF Micro Devices RFFM4501F Datasheet HTML 7Page - RF Micro Devices RFFM4501F Datasheet HTML 8Page - RF Micro Devices RFFM4501F Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
PRELIMINARY
RFFM4501F
4.9GHz to 5.85GHz 802.11a/n/ac WiFi
Front End Module
The RFFM4501F provides a complete integrated solution in a single
front end module (FEM) for WiFi 802.11a/n/ac systems. The ultra-
small factor and integrated matching minimizes layout area in the
customer’s application and greatly reduces the number of external
components. Performance is focused on linear output power under a
number of conditions including duty cycle and packet length while
balancing power consumption needs of leading edge device
platforms. This simplifies the total front end solution by reducing the
bill of materials, system footprint, and manufacturing cost.
The RFFM4501F integrates a 5GHz power amplifier (PA), single pole
two throw switch (SP2T) and an LNA with bypass. The device is
provided in a 3mm x 3mm x 1.05mm, 16-pin laminate package. This
module meets or exceeds the RF front end needs of IEEE
802.11a/n/ac WiFi RF systems.
1
RX
GND
GND
VDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCC
CRX
GND
ANT
GND
VCC
NC
TX
NC
PA_EN
PDET
LNA_EN
Functional Block Diagram
Ordering Information
RFFM4501FSB
Standard 5-piece sample bag
RFFM4501FSQ
Standard 25-piece sample bag
RFFM4501FSR
Standard 100-piece reel
RFFM4501FTR7
Standard 2500-piece reel
RFFM4501FPCK-410
Fully assembled eval board w/ 5-piece sample bag
Package: Laminate, 16-pin,
3.0mm x 3.0mm x 1.05mm
Features
■ 3.0V - 5.0V Operation
■ P
OUT = +18.0dBm at 3.3V,
802.11ac MCS9 HT80 at 1.8%
Dynamic EVM Compliance
■ P
OUT = +19.5dBm at 3.3V, MCS0
HT20, HT40, and HT80 at Spectral
Mask Compliance
■ P
OUT = +19.5dBm at 5.0V,
802.11ac MCS9 HT80 at 1.8%
Dynamic EVM Compliance
■ P
OUT = +20.5dBm at 5.0V, MCS0
HT20, HT40, and HT80 at Spectral
Mask Compliance
■ High performance FEM in Small
Package
■ Input and Output Matched to 50Ω
■ Integrated 5GHz PA, SP2T, LNA
with Bypass and Power Detector
Coupler
Applications
■ Customer Premise Equipment
■ Set-Top Boxes
■ Netbooks/Notebooks
■ Mobile Routers/Access Points
■ Data Cards
■ Consumer Electronics
■ Gaming
■ TV/Monitors/Video
RFFM4501F


Similar Part No. - RFFM4501F

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4501 RFMD-RFFM4501 Datasheet
662Kb / 11P
3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501 QORVO-RFFM4501 Datasheet
662Kb / 11P
3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
RF Micro Devices
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
RF Micro Devices
RFFM4501EPCK-410 RFMD-RFFM4501EPCK-410 Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results

Similar Description - RFFM4501F

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com