Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4501F Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM4501F
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501F Datasheet(HTML) 7 Page - RF Micro Devices

  RFFM4501F Datasheet HTML 1Page - RF Micro Devices RFFM4501F Datasheet HTML 2Page - RF Micro Devices RFFM4501F Datasheet HTML 3Page - RF Micro Devices RFFM4501F Datasheet HTML 4Page - RF Micro Devices RFFM4501F Datasheet HTML 5Page - RF Micro Devices RFFM4501F Datasheet HTML 6Page - RF Micro Devices RFFM4501F Datasheet HTML 7Page - RF Micro Devices RFFM4501F Datasheet HTML 8Page - RF Micro Devices RFFM4501F Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 9
RFFM4501F
PRELIMINARY
Pin Out
1
RX
GND
GND
VDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCC
CRX
GND
ANT
GND
VCC
NC
TX
NC
PA_EN
PDET
LNA_EN
Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com