Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 95 Page - Mitsubishi Electric Semiconductor

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V2EEFS Datasheet(HTML) 95 Page - Mitsubishi Electric Semiconductor

Back Button M306V2EEFS Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 99Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 276 page
background image
M306V2ME-XXXFP
M306V2EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
95
Rev. 1.0
Table 2.10.7 Timer specifications in pulse period/pulse width measurement mode
Notes 1: An interrupt request is not generated when the first effective edge is input after the timer has started counting.
2: The value read out from the timer Bi register is indeterminate until the second effective edge is input after the timer.
(3) Pulse period/pulse width measurement mode
In this mode, the timer measures the pulse period or pulse width of an external signal. (See Table 2.10.7)
Figure 2.10.23 shows the timer Bi mode register in pulse period/pulse width measurement mode. Figure
2.10.24 shows the operation timing when measuring a pulse period. Figure 2.10.25 shows the operation
timing when measuring a pulse width.
Item
Specification
Count source
f1, f8, f32, fc32
Count operation
• Up count
• Counter value “000016” is transferred to reload register at measurement pulse's
effective edge and the timer continues counting
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing • When measurement pulse's effective edge is input (Note 1)
• When an overflow occurs. (Simultaneously, the timer Bi overflow flag changes to “1”.
The timer Bi overflow flag changes to “0” when the count start flag is “1” and a value
is written to the timer Bi mode register.)
TBiIN pin function
Measurement pulse input
Read from timer
When timer Bi register is read, it indicates the reload register’s content
(measurement result) (Note 2)
Write to timer
Cannot be written to
Figure 2.10.23 Timer Bi mode register in pulse period/pulse width measurement mode (i = 0 to 2)
Timer Bi mode register
Symbol
Address
When reset
TBiMR(i=0 to 2)
039B16 to 039D16
00?X00002
Bit name
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Operation mode
select bit
1 0 : Pulse period / pulse width
measurement mode
b1 b0
TMOD1
TMOD0
MR0
Measurement mode
select bit
MR2
MR1
MR3
TCK1
TCK0
0
1
0 0 : Pulse period measurement (Interval between
measurement pulse's falling edge to falling edge)
0 1 : Pulse period measurement (Interval between
measurement pulse's rising edge to rising edge)
1 0 : Pulse width measurement (Interval between
measurement pulse's falling edge to rising edge,
and between rising edge to falling edge)
1 1 : Inhibited
Function
b3 b2
Count source
select bit
Timer Bi overflow
flag ( Note 1)
0 : Timer did not overflow
1 : Timer has overflowed
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
Notes 1: The timer Bi overflow flag changes to “0” when the count start flag is “1” and a value is written to the
timer Bi mode register. This flag cannot be set to “1” by software.
2: Timer B0.
3: Timer B1, timer B2.
0 (Fixed to “0” in pulse period/pulse width measurement mode; i = 0)
(Note 2)
(Note 3)
Nothing is assigned (i = 1, 2).
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com