Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V2EEFS Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V2EEFS Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M306V2EEFS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M306V2EEFS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 276 page
background image
M306V2ME-XXXFP
M306V2EEFP
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
22
Rev. 1.0
Figure 2.3.4 Device’s internal status after a reset is cleared (2)
Data registers (R0/R1/R2/R3)
Frame base register (FB)
Address registers (A0/A1)
Interrupt table register (INTB)
User stack pointer (USP)
Interrupt stack pointer (ISP)
Static base register (SB)
Flag register (FLG)
000016
000016
000016
0000016
000016
000016
000016
000016
(037716)···
0016
UART2 special mode register
(038316)···
Trigger select register
(038416)···
Up-down flag
(039616)···
Timer A0 mode register
(039716)···
Timer A1 mode register
(039816)···
Timer A2 mode register
(039B16)···
Timer B0 mode register
(039C16)···
Timer B1 mode register
(039D16)···
Timer B2 mode register
(039916)···
Timer A3 mode register
(039A16)···
Timer A4 mode register
(038216)···
One-shot start flag
0016
0016
0
0016
0016
0016
0016
0016
0?
0000
00?
0000
00?
0000
(03A016)···
UART0 transmit/receive mode register
(03A416)···
UART0 transmit/receive control register 0
(03A516)···
UART0 transmit/receive control register 1
0016
0
00
0
000
UART2 transmit/receive control register 1
UART2 transmit/receive control register 0
Count start flag
(037D16)···
(037C16)···
(038016)···
0016
0
(038116)···
Clock prescaler reset flag
0216
0816
0816
0216
(037816)···
0016
UART2 transmit/receive mode register
(03A816)···
0016
Reserved register 2
D-A control register
A-D control register 0
A-D control register 1
(03DC16)···
0016
(03D616)···
(03D716)···
000
0???
0
0016
(03B816)···
DMA0 request cause select register
(03BA16)···
DMA1 request cause select register
0016
0016
(03D416)···
A-D control register 2
0
?
?
?
(03B016)···
UART transmit/receive control register 2
0
0
0
0
0
0
0
0
0
0
0
(034816)···
0016
Reserved register 0
(035F16)···
0016
Interrupt request cause select register
(034016)···
Reserved register 1
(036616)···
4016
Reserved register 4
(036216)···
4016
Reserved register 3
?
?
?
0
0
0
??
(037616)···
0016
Reserved register 5
(02EA16)···
I2C1 status register
(02EB16)···
0016
I2C1 control register
(02ED16)···
I2C1 port selection register
(02EC16)···
0016
I2C1 clock control register
(02E916)···
I2C1 address register
0016
(02E216)···
I2C0 status register
(02E316)···
0016
I2C0 control register
(02E516)···
I2C0 port selection register
(02E416)···
0016
I2C0 clock control register
0
0
0
0
0
0
1?
(02E116)···
I2C0 address register
0016
0
0
0
0
0
0
1?
0
0
0
?
0
0
?0
0
0
0
?
0
0
?0
x : Nothing is mapped to this bit
? : Undefined
The content of other registers and RAM is undefined when the microcomputer is reset. The initial values
must therefore be set.
Note: When the VCC level is applied to the CNVSS pin, it is 0216 at a reset.
Port P0 direction register
Port P1 direction register
Port P2 direction register
Port P3 direction register
Port P4 direction register
Port P5 direction register
Port P6 direction register
Port P7 direction register
Port P8 direction register
Port P9 direction register
Port P10 direction register
Pull-up control register 0
Pull-up control register 1(Note)
Pull-up control register 2
Port control register
(03E216)···
(03E316)···
(03E616)···
(03E716)···
(03EA16)···
(03EB16)···
(03EE16)···
(03EF16)···
(03F216)···
(03F316)···
(03F616)···
(03FC16)···
(03FD16)···
(03FE16)···
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
00
0
0
00 0
(03FF16)···
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com