Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2000 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 14Page - Linear Technology LTC2000_15 Datasheet HTML 15Page - Linear Technology LTC2000_15 Datasheet HTML 16Page - Linear Technology LTC2000_15 Datasheet HTML 17Page - Linear Technology LTC2000_15 Datasheet HTML 18Page - Linear Technology LTC2000_15 Datasheet HTML 19Page - Linear Technology LTC2000_15 Datasheet HTML 20Page - Linear Technology LTC2000_15 Datasheet HTML 21Page - Linear Technology LTC2000_15 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
LTC2000
18
2000f
For more information www.linear.com/LTC2000
operation
timing Diagrams
SDI
SDO
CS
SCK
t2
t13
t10
t5
Hi-Z
Hi-Z
t7
t6
t1
t3
t4
1
2
3
15
16
2000 F01
DAP/N, DBP/N
t12
DCKI
t11
2000 F02
t12
t11
DAP/N, DBP/N
t11
DCKI
t12
2000 F03
t11
t12
Figure 1. Serial Interface Timing
Figure 2. LVDS Interface Timing (DCKI_Q = 0, DCK_TADJ = 000)
Figure 3. LVDS Interface Timing (DCKI_Q = 1)
Introduction
The LTC2000 is a family of 2.5Gsps current steering
DACs. Three resolutions (16-, 14-, 11-bit) are available
in a 170-lead BGA package. The LTC2000 features high
output bandwidth and output current, while maintaining
a clean output spectrum with low spurs, making it ideal
for generating high frequency or broadband signals. The
LTC2000 output current is nominally 40mA and is a scaled
(16x) replica of the current flowing out of the FSADJ
pin (nominally 2.5mA). The high output current allows
flexibility in the output impedance, and the high FSADJ
currentandlowscalingfactorgiveexcellentclose-inphase
noise performance.
TheLTC2000hastwo16-,14-,11-bitwideLVDSorDHSTL-
compatible parallel data input ports (DAP/N, DBP/N). Each
data input port is capable of receiving two’s complement
data at up to 1.25Gbps using a double data rate (DDR)
data input clock (DCKIP/N) at up to 625MHz. The DDR
data input clock may be either in quadrature or in phase
with the data arriving on the data input ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com