| Electronic Components Datasheet Search |
|
LTC2000 Datasheet(PDF) 38 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2000 Datasheet(HTML) 38 Page - Linear Technology |
|
38 / 52 page ![]() LTC2000 38 2000f For more information www.linear.com/LTC2000 applications inFormation 0.4 cycles, the DCKIP/N rising edges are arriving in dif- ferent sample clock cycles. For the example in Figure 15a, we might read 0x25 for SYNC_PH on DAC X and 0x52 on DAC Y. Table 12 tells us that the DCKIP/N to CKP/N delay is greater than 0.8 cycles for DAC X and less than 0.2 cycles for DAC Y, and thus the differencebetweenthemisatleast0.6cycles.Weconclude that the DCKIP/N rising edge of DAC X must fall within a later sample clock cycle than that of DAC Y, and thus that DAC X is being updated one cycle later than DAC Y. To correct any such misalignment and synchronize the DACs, consult Table 12 and adjust the SYNC_PS settings for those DACs which are being updated one cycle late (DAC X in the above example) by setting the synchronizer to manual mode (SYNC_MSYN = 1) and overwriting the SYNC_PS value. In this example, reading register 0x06 of DAC X shows SYNC_PH = 0x25 and that the SYNC_PS setting needs to change from the default (10) to the desired adjusted value (00),subtractingonecyclefromthelatencyofDACX(refer to Table 12). Write 0x04 to register 0x05 of DAC X to set SYNC_MSYN = 1 and SYNC_PS = 00. The outputs of DAC X should now align with DAC Y as shown in Figure 15a. SeeTable6fordetailsregardingthesynchronizerregisters 0x05 and 0x06. Sample verilog code implementing the synchronization of multiple LTC2000s using Tables 12 and 13 can be found at: http://www.linear.com/docs/44845 Synchronizing Multiple LTC2000s in Single-Port Mode Figure 15b shows sample waveforms for synchronizing twoLTC2000sinsingleportmode.Synchronizingmultiple LTC2000s in single port mode is essentially the same Table 12. Adjusting Latency in Dual-Port Mode PHASE COMPARATOR OUTPUTS SYNC_PH (REG 0x06) DELAY FROM DCKIP/N RISING EDGE TO NEXT CKP/N RISING EDGE (CKP/N CYCLES) SYNC_PS SETTING (DEFAULT) (ADJUSTED TO REDUCE LATENCY BY 1 CYCLE)* 0x03 0 to 0.2 10 N/A 0x04 0.2 to 0.4 10 N/A 0x05 0.4 to 0.6 10 N/A 0x15 0.6 to 0.8 10 00 0x25 0.8 to 1.0 10 00 0x35 0 to 0.2 00 N/A 0x45 0.2 to 0.4 00 N/A 0x55 0.4 to 0.6 00 N/A 0x54 0.6 to 0.8 00 01 0x53 0.8 to 1.0 00 01 0x52 0 to 0.2 01 N/A 0x51 0.2 to 0.4 01 N/A 0x50 0.4 to 0.6 01 N/A 0x40 0.6 to 0.8 01 11 0x30 0.8 to 1.0 01 11 0x20 0 to 0.2 11 N/A 0x10 0.2 to 0.4 11 N/A 0x00 0.4 to 0.6 11 N/A 0x01 0.6 to 0.8 11 10 0x02 0.8 to 1.0 11 10 *N/A indicate SYNC_PH values that should not occur if the timing mismatch requirements described above are met. If such a case occurs, keep SYNC_PS as the default value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |