Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2000 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2000_15 Datasheet HTML 23Page - Linear Technology LTC2000_15 Datasheet HTML 24Page - Linear Technology LTC2000_15 Datasheet HTML 25Page - Linear Technology LTC2000_15 Datasheet HTML 26Page - Linear Technology LTC2000_15 Datasheet HTML 27Page - Linear Technology LTC2000_15 Datasheet HTML 28Page - Linear Technology LTC2000_15 Datasheet HTML 29Page - Linear Technology LTC2000_15 Datasheet HTML 30Page - Linear Technology LTC2000_15 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
LTC2000
27
2000f
For more information www.linear.com/LTC2000
operation
For single port operation, set DATA_SP = 1, DA_EN = 0,
DB_EN = 1 and provide data to LVDS port B (DBP/N) only.
For dual port operation leave DATA_SP = 0, set DA_EN =
1 and DB_EN = 1, and provide interleaved data to LVDS
ports A and B (DAP/N, DBP/N). The data on port A will
precede the data on port B at the DAC output.
Table 5. LVDS Data Input SPI Registers
ADDRESS BIT
NAME
DESCRIPTION
0x04
0
DA_EN
DAC Data Port A LVDS Receiver Enable. DA_EN = 1 enables port A receivers. For DA_EN = 0, receivers are powered
down and port A data is 0x0000.
1
DB_EN
DAC Data Port B LVDS Receiver Enable. DB_EN = 1 enables port B receivers. For DB_EN = 0, receivers are powered
down and port B data is 0x0000.
2
DATA_SP DAC Data Single Port Mode Select. DATA_SP = 1 sets single port mode and only port B data is used to update the DAC
code. DATA_SP = 0 sets dual-port mode and data from both ports A and B are used.
3
DATA_EN DAC Data Enable. DATA_EN = 0 mutes the DAC output by forcing the DAC code to mid-scale. DATA_EN = 1 allows data
from data ports A and B to be used to update the DAC code.
Note: Register 0x04 resets to 0x00 (default).
Clock Synchronizer
Figure 7 shows a simplified block diagram of the internal
clock synchronizer. The synchronizer monitors the in-
coming phase of DCKIP/N using a pair of internal phase
comparators.Thesynchronizerthenautomaticallyadjusts
50
IOUTP
IOUTN
50
2000 F07
÷4
DBP/N[15:0]
DAP/N[15:0]
DCKIP/N
CKP/N
SYNC_PS
LOGIC
PHASE
CMP
PHASE
CMP
16-BIT DAC
Figure 7. Simplified Block Diagram — Clock Synchronizer in Dual-Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com