Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF158 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF158 Datasheet HTML 1Page - Tyco Electronics MRF158 Datasheet HTML 2Page - Tyco Electronics MRF158 Datasheet HTML 3Page - Tyco Electronics MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
C1, C6, C12
270 pF, Chip Capacitors
C2, C5
1 – 10 pF, Johanson Trimmer Capacitors
C3
30 pF, 100 mil ATC Chip Capacitor
C4
3.9 pF, 100 mil ATC Chip Capacitor
C7, C8
0.1
mF, Blue Capacitors
C9, C10
680 pF, Feed Through Capacitors
C11
50
mF, 50 V Electrolytic Capacitor
C13
240 pF, 100 mil ATC Chip Capacitor
C7
R3
RFC2
RFC1
RF Output
DUT
R1
C1
RF Input
C2
Figure 1. MRF158 500 MHz Test Circuit
R2
C12
C3
C6
C4
C5
C13
C9
C11
C10
+
C8
VDD 28 V
+
VDC
R1
150
Ω, 1/2 Watt
R2
10 k
Ω, 1/2 Watt
R3
1 k
Ω, 1/2 Watt
RFC1
Ferroxcube VK200–19/4B
RFC2
8 Turns, #20 AWG, Enameled, ID 110 mils
Board Material — 0.062
″, Teflon Fiberglass, 1 oz.,
Copper clad both sides,
εr = 2.55
C2
110 mils
from Outside Corner
C3
130 mils
from Outside Corner
Input Line
160 mils X 5315 mils
Output Line
160 mils X 4345 mils
C5
At Inside End
of C6
C4
280 mils
from Inside Corner
NOTE: Due to variation in Chip Capacitor values and
board material, these are approximate positions.
–
3
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com