Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF158 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 3Page - Tyco Electronics MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics MRF158 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Table 1. Common Source S–Parameters (VDS = 13 V, ID = 100 mA) (continued)
f
MHz
S22
S12
S21
S11
f
MHz
φ
|S22|
φ
|S12|
φ
|S21|
φ
|S11|
214
0.856
–65
7.24
127
0.070
44
0.820
–53
219
0.853
–66
7.17
126
0.070
43
0.813
–54
224
0.848
–67
7.10
125
0.072
41
0.806
–55
229
0.847
–68
7.02
124
0.074
41
0.803
–56
234
0.841
–69
6.94
124
0.075
40
0.800
–57
239
0.839
–70
6.92
122
0.074
39
0.789
–58
244
0.832
–71
6.80
122
0.076
40
0.783
–59
249
0.828
–72
6.73
121
0.077
38
0.780
–60
254
0.825
–73
6.68
120
0.077
39
0.778
–60
259
0.820
–74
6.60
119
0.078
36
0.772
–61
264
0.816
–75
6.54
118
0.078
35
0.769
–62
269
0.813
–76
6.48
117
0.078
36
0.765
–63
274
0.810
–77
6.42
117
0.079
34
0.765
–64
279
0.806
–78
6.34
116
0.080
35
0.762
–64
284
0.799
–79
6.29
115
0.080
34
0.757
–65
289
0.800
–80
6.23
114
0.081
31
0.756
–66
294
0.795
–81
6.18
113
0.081
33
0.753
–67
299
0.789
–82
6.12
113
0.084
31
0.750
–67
304
0.791
–83
6.07
112
0.082
31
0.742
–68
308
0.790
–84
5.99
111
0.084
30
0.742
–69
313
0.787
–85
5.95
110
0.084
29
0.737
–70
318
0.784
–85
5.88
109
0.083
30
0.729
–70
323
0.779
–86
5.80
109
0.084
28
0.726
–71
328
0.778
–87
5.77
108
0.085
27
0.723
–72
333
0.773
–88
5.69
107
0.085
28
0.720
–72
338
0.771
–89
5.64
107
0.084
26
0.716
–73
343
0.766
–89
5.60
106
0.086
25
0.716
–74
348
0.766
–90
5.55
106
0.086
25
0.712
–74
353
0.763
–91
5.50
105
0.086
24
0.708
–75
358
0.761
–92
5.43
104
0.086
24
0.708
–75
363
0.761
–93
5.41
104
0.086
24
0.706
–76
368
0.755
–94
5.35
103
0.086
23
0.702
–77
373
0.753
–94
5.29
102
0.087
23
0.704
–77
378
0.752
–95
5.25
101
0.086
23
0.700
–78
383
0.750
–96
5.20
101
0.087
22
0.697
–79
388
0.747
–96
5.15
100
0.089
21
0.692
–79
393
0.742
–97
5.08
100
0.087
21
0.693
–80
398
0.741
–98
5.04
99
0.088
20
0.689
–81
403
0.743
–98
5.01
98
0.088
20
0.684
–81
408
0.740
–99
4.97
98
0.088
19
0.682
–81
413
0.734
–100
4.90
97
0.089
19
0.682
–82
418
0.738
–100
4.87
97
0.088
18
0.677
–83
7
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com