Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF158 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF158
Description  TMOS BROADBAND RF POWER FET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF158 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button MRF158 Datasheet HTML 2Page - Tyco Electronics MRF158 Datasheet HTML 3Page - Tyco Electronics MRF158 Datasheet HTML 4Page - Tyco Electronics MRF158 Datasheet HTML 5Page - Tyco Electronics MRF158 Datasheet HTML 6Page - Tyco Electronics MRF158 Datasheet HTML 7Page - Tyco Electronics MRF158 Datasheet HTML 8Page - Tyco Electronics MRF158 Datasheet HTML 9Page - Tyco Electronics MRF158 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Table 1. Common Source S–Parameters (VDS = 13 V, ID = 100 mA)
f
S11
S21
S12
S22
f
MHz
|S11|
φ
|S21|
φ
|S12|
φ
|S22|
φ
5
1.000
–2
9.45
179
0.000
89
0.965
–1
10
0.997
–4
9.45
177
0.005
92
0.969
–3
15
0.999
–5
9.50
176
0.007
86
0.962
–5
20
0.997
–7
9.45
174
0.009
91
0.958
–6
25
0.997
–9
9.44
173
0.012
88
0.958
–7
30
0.996
–10
9.40
172
0.014
82
0.960
–8
35
0.994
–12
9.38
170
0.016
78
0.956
–10
40
0.993
–14
9.35
169
0.016
77
0.958
–11
45
0.990
–15
9.34
167
0.020
79
0.957
–12
50
0.988
–17
9.29
166
0.021
76
0.957
–14
55
0.985
–19
9.25
165
0.023
77
0.955
–15
60
0.983
–21
9.26
163
0.026
75
0.952
–17
65
0.980
–22
9.19
162
0.028
74
0.947
–18
70
0.977
–24
9.15
160
0.029
74
0.943
–20
75
0.973
–25
9.11
159
0.031
74
0.942
–21
80
0.970
–27
9.04
158
0.034
70
0.935
–22
85
0.967
–29
8.98
157
0.035
71
0.932
–24
90
0.963
–30
8.91
155
0.037
67
0.929
–25
95
0.961
–32
8.90
154
0.039
68
0.924
–26
100
0.957
–33
8.81
153
0.040
67
0.917
–27
105
0.953
–35
8.77
151
0.041
64
0.916
–28
109
0.950
–36
8.69
150
0.042
65
0.914
–30
114
0.943
–38
8.62
149
0.045
63
0.906
–31
119
0.940
–40
8.56
148
0.045
62
0.907
–32
124
0.933
–41
8.49
146
0.049
61
0.901
–33
129
0.933
–43
8.46
145
0.049
60
0.901
–35
134
0.923
–44
8.37
144
0.052
59
0.896
–36
139
0.921
–45
8.29
143
0.052
58
0.890
–37
144
0.917
–47
8.22
142
0.055
57
0.885
–39
149
0.913
–48
8.16
140
0.055
55
0.878
–40
154
0.911
–50
8.11
140
0.057
53
0.874
–41
159
0.905
–51
8.02
138
0.059
54
0.868
–42
164
0.902
–52
7.94
137
0.059
53
0.863
–43
169
0.896
–54
7.87
136
0.062
52
0.856
–44
174
0.893
–55
7.79
135
0.063
50
0.851
–45
179
0.890
–56
7.71
134
0.062
50
0.846
–46
184
0.882
–58
7.64
133
0.065
48
0.845
–47
189
0.881
–59
7.59
132
0.065
47
0.840
–48
194
0.874
–60
7.53
131
0.066
47
0.834
–49
199
0.868
–61
7.43
130
0.067
47
0.828
–50
204
0.864
–62
7.36
129
0.068
46
0.829
–51
209
0.861
–63
7.31
128
0.070
45
0.824
–52
6
REV 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com