Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2172 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFPA2172
Description  0dB to 28dB Variable Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2172 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFPA2172 Datasheet HTML 2Page - RF Micro Devices RFPA2172 Datasheet HTML 3Page - RF Micro Devices RFPA2172 Datasheet HTML 4Page - RF Micro Devices RFPA2172 Datasheet HTML 5Page - RF Micro Devices RFPA2172 Datasheet HTML 6Page - RF Micro Devices RFPA2172 Datasheet HTML 7Page - RF Micro Devices RFPA2172 Datasheet HTML 8Page - RF Micro Devices RFPA2172 Datasheet HTML 9Page - RF Micro Devices RFPA2172 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision DS20150609
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
6 of 10
RFPA2172
RFMD + TriQuint = Qorvo
Evaluation Board Schematic 2.45GHz
12
11
10
2
4
3
13
14
15
16
1
9
8
7
6
5
R2
200 Ω
VAPC
C8
22 nF
C7
1.5 pF
L1
1.5 nH
Bias
C10
4 pF
C9
22 nF
C5
22 nF
C4
22 nF
R3
10 Ω
C11
22 nF
C6
5 pF
C3
5 pF
R1
10 Ω
C1
0.5 pF
VCC2
VCC3
VCC1
C2
22 nF
Ω1
RF IN
50 Ω µstrip
Ω2
RF OUT
50 Ω µstrip
P1
1
2
3
CON3
P1-1
VCC2
GND
P1-3
VCC3
P2
1
2
3
CON3
P2-1
VAPC
GND
P2-3
VCC1
2172401-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com