Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-444 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-444
Description  2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-444 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-444 Datasheet HTML 1Page - Tyco Electronics SW-444 Datasheet HTML 2Page - Tyco Electronics SW-444 Datasheet HTML 3Page - Tyco Electronics SW-444 Datasheet HTML 4Page - Tyco Electronics SW-444 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2V Control Triple-Band GSM/DCS/PCS SP5T Switch
SW-444
V1.4
The Advanced Information Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
2
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
ELECTRICAL CHARACTERISTICS: Test Conditions: VDD = 2.5V, Vctrl =2.0V, TA = +25
°C
Mode
Specifications
Freq. (MHz)
Units
Min.
Typ.
Max.
ANT -> GSM RX
Insertion Loss
925 - 960
dB
0.74
0.8
0.9
Isolation GSM Tx to ANT
Isolation GSM Tx to GSM Rx
Isolation GSM Tx to PCS Rx
Isolation GSM Tx to DCS Rx
Isolation PCS/DCS Tx to ANT
Isolation PCS/DCS Tx to GSM Rx
Isolation PCS/DCS Tx to PCS Rx
Isolation PCS/DCS Tx to DCS Rx
880 - 915
880 - 915
880 - 915
880 - 915
1710 - 1785
1710 - 1785
1710 - 1785
1710 - 1785
dB
dB
dB
dB
dB
dB
dB
dB
25
26
32
32
22
23
32
32
27
28
>35
>35
24
25
>35
>35
30
30
52
64
26
27
43
54
ANT -> PCS RX
Insertion Loss
1930 - 1990
dB
0.94
1.0
1.1
Isolation GSM Tx to ANT
Isolation GSM Tx to GSM Rx
Isolation GSM Tx to PCS Rx
Isolation GSM Tx to DCS Rx
Isolation PCS/DCS Tx to ANT
Isolation PCS/DCS Tx to GSM Rx
Isolation PCS/DCS Tx to PCS Rx
Isolation PCS/DCS Tx to DCS Rx
880 - 915
880 - 915
880 - 915
880 - 915
1710 - 1785
1710 - 1785
1710 - 1785
1710 - 1785
dB
dB
dB
dB
dB
dB
dB
dB
25
32
26
32
22
32
23
32
27
>35
28
>35
24
>35
25
>35
29
55
30
52
26
42
27
42
ANT -> DCS RX
Insertion Loss
1805 - 1880
dB
0.94
1.0
1.1
Isolation GSM Tx to ANT
Isolation GSM Tx to GSM Rx
Isolation GSM Tx to PCS Rx
Isolation GSM Tx to DCS Rx
Isolation PCS/DCS Tx to ANT
Isolation PCS/DCS Tx to GSM Rx
Isolation PCS/DCS Tx to PCS Rx
Isolation PCS/DCS Tx to DCS Rx
880 - 915
880 - 915
880 - 915
880 - 915
1710 - 1785
1710 - 1785
1710 - 1785
1710 - 1785
dB
dB
dB
dB
dB
dB
dB
dB
25
32
32
26
22
32
32
23
27
>35
>35
28
24
>35
>35
25
29
56
60
30
26
44
51
27
ANT -> GSM TX
Insertion Loss
880 - 915
dB
0.54
0.6
0.7
Isolation GSM Tx to GSM Rx
Isolation GSM Tx to PCS Rx
Isolation GSM Tx to DCS Rx
Isolation PCS/DCS Tx to ANT
Isolation PCS/DCS Tx to GSM Rx
Isolation PCS/DCS Tx to PCS Rx
Isolation PCS/DCS Tx to DCS Rx
880 - 915
880 - 915
880 - 915
1710 - 1785
1710 - 1785
1710 - 1785
1710 - 1785
dB
dB
dB
dB
dB
dB
dB
29
31
32
22
32
32
32
31
33
34
24
>35
>35
>35
33
35
36
26
44
59
59
ANT -> PCS/DCS TX
Insertion Loss
1710 - 1785
dB
0.84
0.9
1.0
Isolation GSM Tx to ANT
Isolation GSM Tx to GSM Rx
Isolation GSM Tx to PCS Rx
Isolation GSM Tx to DCS Rx
Isolation PCS/DCS Tx to GSM Rx
Isolation PCS/DCS Tx to PCS Rx
Isolation PCS/DCS Tx to DCS Rx
880 - 915
880 - 915
880 - 915
880 - 915
1710 - 1785
1710 - 1785
1710 - 1785
dB
dB
dB
dB
dB
dB
dB
25
32
32
32
23
32
31
27
>35
>35
>35
25
34
33
29
55
60
64
27
36
35
ANT/PRX/DRX/GRX -> GND
(IDLE MODE)
Isolation GSM Tx to ANT , FREQ = 900 MHz
Isolation PCS/DCS Tx to ANT , FREQ = 1810 MHz
925 – 960
925 - 960
dB
dB
34
34
34
34
34
34
2nd Harmonics
Freq = 900 MHz, Input Power = +34 dBm
Freq = 1810 MHz, Input Power = +32 dBm
dBc
dBc
-84
-84
-79
-79
-70
-65
3rd Harmonics
Freq = 900 MHz, Input Power = +34 dBm
Freq = 1810 MHz, Input Power = +32 dBm
dBc
dBc
-73
-73
-69
-69
-65
-65
Supply Voltage
Volts
2.0
2.5
4.0
High Control Voltages
Volts
2.0
2.5
4.0
Low Control Voltages
Volts
-0.2
0
0.2
1.
DC blocking capacitors are required on all RF and shunt ports.
2.
All impedances are 50 ohms.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com