Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-444 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-444
Description  2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-444 Datasheet(HTML) 3 Page - Tyco Electronics

  SW-444 Datasheet HTML 1Page - Tyco Electronics SW-444 Datasheet HTML 2Page - Tyco Electronics SW-444 Datasheet HTML 3Page - Tyco Electronics SW-444 Datasheet HTML 4Page - Tyco Electronics SW-444 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2V Control Triple-Band GSM/DCS/PCS SP5T Switch
SW -444
V1.4
The Advanced Information Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
3
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Pin Configuration
Pin No.
Pin Name
Description
1
PTX/DTX
PCS/DCS Tx Port
2
GND
RF Ground
3
GTX
GSM Tx Port
4
GND
RF Ground
5
VDD
Decoder VDD
6
BS
Control 1
7
TXS
Control 2
8
PRXON
Control 3
9
GND
RF Ground
10
GND
RF Ground
11
GND
RF Ground
12
GND
RF Ground
13
DRX
DCS Rx Port
14
DRXS
DCS Rx Shunt
15
PRX
PCS Rx Port
16
PRXS
PCS Rx Shunt
17
GRX
GSM Rx Port
18
GND
RF Ground
19
ANT
ANT Port
20
GND
RF Ground
21
GND
Paddle
Truth Table
BS
TXS
PRXON
MODE
0
0
0
GSM RX - ANT
0
1
0
GSM TX - ANT
1
1
0
PCS TX/DCS TX - ANT
1
0
0
DCS RX - ANT
1
0
1
PCS RX - ANT
Logic Level
Voltage Level
VLo “0”=
0V
VHi “1”=
2.5V
Block Diagram
Decoder
PTX/DTX
GND
GTX
GND
VDD
PRX
DRXS
DRX
GND
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com