Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-444 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SW-444
Description  2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-444 Datasheet(HTML) 4 Page - Tyco Electronics

  SW-444 Datasheet HTML 1Page - Tyco Electronics SW-444 Datasheet HTML 2Page - Tyco Electronics SW-444 Datasheet HTML 3Page - Tyco Electronics SW-444 Datasheet HTML 4Page - Tyco Electronics SW-444 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2V Control Triple-Band GSM/DCS/PCS SP5T Switch
SW -444
V1.4
The Advanced Information Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
4
North America: Tel. (800) 366 -2266
Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Sample Board Schematic
External Circuitry Parts List (Note: Values of external elements not final)
Ref. Designation
Value
Purpose
C1
22pF
DC Block
C2
22pF
DC Block
C3
22pF
DC Block
C4
4.7pF
RF Shunt
C5
22pF
DC Block
C6
4.7pF
RF Shunt
C7
22pF
DC Block
C8
22pF
DC Block
VDD
TXS
PRXON
PTX/DTX
GTX
PRX
DRX
ANT
GRX
C1
C2
C3
C4
C5
C7
C8
BS
C6
Decoder



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com