Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1681-35PC Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C1681-35PC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1681-35PC Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C1681-35PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P4C1681, P4C1682
Page 7 of 10
Document # SRAM109 REV A
Pkg #
# Pins
Symbol
Min
Max
A
-
0.200
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.280
E
0.220
0.310
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-
0.100 BSC
C4
24 (300 mil)
0.300 BSC
Pkg #
# Pins
Symbol
Min
Max
A
0.045
0.115
b
0.015
0.022
b1
0.015
0.019
c
0.004
0.009
c1
0.004
0.006
D
-
0.640
E
0.350
0.420
E1
-
0.450
E2
0.180
-
E3
0.030
-
e
k
0.008
0.015
L
0.250
0.370
Q
0.026
0.045
S1
0.000
-
M
-
0.0015
N
0.050 BSC
24
FS-1
24
SIDE BRAZED DUAL IN-LINE PACKAGE
SOLDER SEAL FLAT PACK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com