Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1681-35PC Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1681-35PC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1681-35PC Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1681-35PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P4C1681, P4C1682
Page 2 of 10
Document # SRAM109 REV A
MAXIMUM RATINGS1
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
P4C1681
P4C1682
Sym.
V
IH
V
IL
V
HC
V
LC
V
CD
V
OL
V
OLC
V
OH
V
OHC
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Clamp Diode Voltage
Output Low Voltage
(TTL Load)
Output Low Voltage
(CMOS Load)
Output High Voltage
(TTL Load)
Output High Voltage
(CMOS Load)
Input Leakage Current
Output Leakage Current
Test Conditions
V
CC = Min., IIN = –18 mA
I
OL = +8 mA, VCC = Min.
I
OLC = +100 µA, VCC = Min.
I
OH = –4 mA, VCC = Min.
I
OHC = –100 µA, VCC = Min.
V
CC = Max.
Mil.
V
IN = GND to VCC
Comm'l
V
CC = Max.
Mil.
CE = V
IH
Comm'l
V
OUT = GND to VCC
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
V
CC –0.2
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
–1.2
0.4
0.2
+10
+5
+10
+5
Unit
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
DC ELECTRICAL CHARACTERISTICS
Over Recommended operating temperature and supply voltages(2)
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade(2)
Ambient
Temperature
GND
V
CC
0V
5.0V ± 10%
–55°C to +125°C
Military
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
5
7
Unit
pF
pF
CAPACITANCES(4)
V
CC = 5.0V, TA = 25°C, f = 1.0MHz
Typ.
5.0V ± 10%
0°C to +70°C
Commercial
0V
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com