Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1681-35PC Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1681-35PC
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1681-35PC Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1681-35PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1681-35PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM109 REV A
Revised October 2005
P4C1681, P4C1682
ULTRA HIGH SPEED 4K x 4
STATIC CMOS RAMS
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 12/15/20/25 ns (Commercial)
– 20/25/35ns (Military)
Low Power Operation
Single 5V ± 10%Power Supply
Separate Inputs and Outputs
– P4C1681 Input Data at Outputs during Write
– P4C1682 Outputs in High Z during Write
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 24-Pin 300 mil DIP
– 24-Pin 300 mil SOIC
– 24-Pin 300 mil SOJ
– 24-Pin Solder Seal Flat Pack
– 28-Pin LCC (450 mil x 450 mil)
.
DESCRIPTION
The P4C1681 and P4C1682 are 16,384-bit (4K x 4) ultra
high speed static RAMs similar to the P4C168, but with
separate data I/O pins. The P4C1681 features a
transparent write operation; the outputs of the P4C1682
are in high impedance during the write cycle. All devices
have low power standby modes. The RAMs operate
from a single 5V ± 10% tolerance power supply.
Access times as fast as 12 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption.
TheP4C1681andP4C1682areavailablein24-pin300mil
DIP, SOIC, Solder Seal Flatpack, and SOJ packages, as
well as a 28-pin LCC package, providing excellent board
level densities.
FUNCTIONALBLOCKDIAGRAM
PINCONFIGURATIONS
DIP (P4,C4), SOIC (S4), SOJ (J4)
SOLDER SEAL FLAT PACK (FS-1)
LCC (L5-1)


Similar Part No. - P4C1681-35PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812DC ETC1-P4C16812DC Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812DM ETC1-P4C16812DM Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812DMB ETC1-P4C16812DMB Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C16812JC ETC1-P4C16812JC Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C1681-35PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com