Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1981L-35JM Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-35JM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-35JM Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1981L-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 6 of 13
Document # SRAM114 REV B
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Parameter
Symbol
–10
–12
–15
–20
–25
–35
–45
Min Max
Max
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Min
t
WC
t
CW
t
AW
t
AS
Write Cycle Time
Chip Enable Time
to End of Write
Address Valid to
End of Write
Address Set-up
Time
t
WZ
t
DH
t
DW
t
AH
t
WP
Write Pulse Width
Address Hold Time
from End of Write
Data Valid to End
of Write
Data Hold Time
Write Enable to
Output in High Z
t
OW
Output Active from
End of Write
10
7
7
0
8
0
5
0
2
5
12
8
8
0
9
0
6
0
2
6
13
10
10
0
10
0
7
0
2
7
15
15
15
0
15
0
10
0
2
8
20
20
20
0
20
0
13
0
2
10
30
30
25
0
25
0
15
0
2
10
40
35
35
0
35
0
20
0
2
15
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
t
AWE
t
ADV
Write Enable to
Data-out Valid
(P4C1981)
Data-in Valid to
Data-out Valid
(P4C1981)
ns
ns
10
10
12
12
13
13
18
18
20
30
35
35
30
20
WRITE CYCLE NO. 1 (WITH OE
OE
OE
OE
OE HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com