Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1981L-35JM Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-35JM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-35JM Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1981L-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 3 of 13
Document # SRAM114 REV B
DATA RETENTION CHARACTERISTICS (P4C1981L/P4C1982L Military Temperature Only)
Typ.*
Max
Symbol
Parameter
Test Condition
Min
V
CC=VCC=
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
10
15
600
900
µA
t
CDR
Chip Deselect to
CE
1 or CE2 ≥ VCC – 0.2V,
0
ns
Data Retention Time
V
IN ≥ VCC – 0.2V or
t
R
†
Operation Recovery Time
t
RC
§
ns
*T
A = +25°C
§t
RC = Read Cycle Time
†This parameter is guaranteed but not tested.
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM ratingconditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V.
CE
1 = VIL, CE2 = VIL, OE = VIH
I
CC
Symbol
Parameter
Temperature
Range
Dynamic Operating Current*
Commercial
Industrial
Military
–10
N/A
–12
–15
–20
–25
–35
–45
Unit
N/A
mA
mA
mA
POWER DISSIPATION CHARACTERISTICS VS. SPEED
N/A
150
155
160
170
180
N/A
170
160
155
150
145
180
170
160
155
150
N/A
N/A
V
IN ≤ 0.2V
DATA RETENTION WAVEFORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com