Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1981L-35JM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-35JM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-35JM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1981L-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 2 of 13
Document # SRAM114 REV B
CE
1, CE2 ≥ VHC,
Mil.
V
CC = Max.,
Ind./Com’l.
f = 0, Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
1, CE2 ≥ VIH,
Mil.
V
CC = Max.,
Ind./Com’l.
f = Max., Outputs Open
___
___
40
35
___
___
___
___
20
15
40
n/a
1.0
n/a
mA
mA
___
___
Standby Power Supply
Current
(CMOS Input Levels)
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
5
7
Unit
pF
pF
CAPACITANCES(4)
V
CC = 5.0V, TA = 25°C, f = 1.0MHz
n/a = Not Applicable
Symbol
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IH
V
IL
V
HC
V
LC
V
CD
V
OL
V
OH
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Clamp Diode Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(TTL Load)
Input Leakage Current
Output Leakage Current
Test Conditions
V
CC = Min., IIN = –18 mA
I
OL = +8 mA, VCC = Min.
I
OH = –4 mA, VCC = Min.
V
CC = Max.
Mil.
V
IN = GND to VCC
Ind./Com’l.
P4C1981 / 1982
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
–1.2
0.4
+10
+5
+10
+5
P4C1981L / 82L
Min
Max
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–5
n/a
–5
n/a
V
CC +0.5
0.8
V
CC +0.5
0.2
0.4
–1.2
+5
n/a
+5
n/a
Unit
V
V
V
V
V
V
V
µA
µA
Typ.
Industrial
Commercial
Grade(2)
Ambient
Temperature
GND
V
CC
–40°C to +85°C
0°C to +70°C
0V
0V
5.0V ± 10%
5.0V ± 10%
0V
5.0V ± 10%
–55°C to +125°C
Military
I
SB1
V
CC = Max.,
Mil.
CE
1, CE2 = VIH
Ind./Com’l.
V
OUT = GND to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com