Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF240C Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ADF240C
Description  Protections: Short Circuit / Overload / Over Voltage / Over Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF240C Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ADF240C Datasheet HTML 1Page - Arch Electronics Corp. ADF240C Datasheet HTML 2Page - Arch Electronics Corp. ADF240C Datasheet HTML 3Page - Arch Electronics Corp. ADF240C Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_3
update : 2015.05.22
AC-DC Din Rail Power Supply
ADF240C
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and +25°C of ambient temperature.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. The power supplies can connected in parallel to offer the current share function.
4. Derating may be needed under low input voltage. Please check the derating curve for more details.
5. After 30 minutes of burn-in
6. Parallel Operation with Remote Sensing:
(1). Parallel operation is available by connecting the units shown as below (+S,-S and CS are connected mutually in parallel)
(2). Difference in Vout among parallelled units should be less than +/-1%
(3). The total output current must not exceed the value determined by the following equation (Output current at parallel
operation)=(The rated current per unit) x (Number of unit) x 0.9.
(4). In parallel operation 4 units is the maximum, please consult the manufacture for other applications.
(5). When remote sensing is used in parallel operation, the sensing wire must be connected only to the master unit.
(6). When in parallel operation, the minimum output load should be greater than 3% of total output load.(Min. load > 3% rated
current per unit x number of unit)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com