Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF240C Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ADF240C
Description  Protections: Short Circuit / Overload / Over Voltage / Over Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF240C Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ADF240C Datasheet HTML 1Page - Arch Electronics Corp. ADF240C Datasheet HTML 2Page - Arch Electronics Corp. ADF240C Datasheet HTML 3Page - Arch Electronics Corp. ADF240C Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : A_3
update : 2015.05.22
AC-DC Din Rail Power Supply
ADF240C
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
ADF240C-24S
ADF240C-48S
Max Output Wattage (Free air Convection)
(W)
240W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
<3.0 A max. (115 VAC) / <1.5 A max. (230 VAC)
Inrush Current (<2ms)
<30 A max. (115 VAC) / <60 A max. (230 VAC)
Leakage Current
< 1.5 mA max.
Input
Power Factor
PF>0.98 (115 VAC) / PF>0.95 (230 VAC) at Full Load
Voltage (V.DC.)
24V
48V
Trim
±2% (Adjustable VR on the front panel)
Voltage Accuracy
±2%
Current (Free air Convection) (A) (max.)
10
5
Line Regulation
±0.5%
Load Regulation
±2%
Minimum Load
2%
Maximum Capacitive Load
6000 uF
1200 uF
Ripple & Noise (max.)
100mVp-p
Efficiency (typ.)
(at 230 VAC)
(Note 5)
90%
91%
Output
Hold-up Time
20 ms (115 VAC) / 20 ms (230 VAC) at Full Load
Over Power Protection
Auto recovery, Hiccup mode
Over Voltage Protection
27~31V (Latch Off)
52~56V (Latch Off)
Over Temperature Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery, Hiccup mode
Function
DC OK Relay Contact Ratings (max.)
30Vdc/1A, 30Vac/0.5A Resistive Load
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
(V.AC)
500V
Operating Temperature
-40°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
MTB
>169K h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
2.56 x 4.96 x 4.25 Inches
( 65.0 x 126.0 x 108.0 mm ) Tolerance
0.5 mm
Weigh
850 g
Physical
Cooling Method
Free convection
Agency Approvals
CE(EN 60950-1)
(Pending)
Isolation Rsistance
I/P-O/P, I/P-FG, O/P-FG:>100M Ohms / 500VDC / 25°C / 70% RH
EMI
(Conducted & Radiated Emission)
EN 55022 class B
(Pending)
Safety & EMC
EMS (Noise Immunity)
EN61000-4-2,3,4,5,6,8,11, EN 55024, EN 61000-6-2, EN 61204-3,
Heavy Industry Level, Criteria A,
(Pending)
KEY FEATURES
 Protections: Short Circuit / Overload / Over Voltage / Over Temperature
 With P.F.C. Function, PF>0.95
 Free Air Convection
 High Efficiency up to 91%
Can be Connected in Parallel to Offer the Current Share Function
 Built-in DC OK Relay Contact
 3-Year Product Warranty


Similar Part No. - ADF240C

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C_16 Datasheet
252Kb / 4P
AC-DC Din Rail Power Supply
More results

Similar Description - ADF240C

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
short circuit, over current, and over voltage protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
over voltage, over current, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
over load, over voltage, over temperature, and short circuit protections
ETMA-200W-U CUI-ETMA-200W-U Datasheet
685Kb / 5P
over voltage, overload and short circuit protections
logo
Delta Electronics, Inc.
ADP-19V DELTA-ADP-19V Datasheet
461Kb / 5P
Over-Voltage/Load/Temperature & Short Circuit protections
150AAS12-F DELTA-150AAS12-F Datasheet
547Kb / 9P
Over-Voltage/Load/Temperature & Short Circuit protections
150AAS24-F DELTA-150AAS24-F Datasheet
577Kb / 9P
Over-Voltage/Load/Temperature & Short Circuit protections
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com