Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF240C Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # ADF240C
Description  Protections: Short Circuit / Overload / Over Voltage / Over Temperature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ADF240C Datasheet(HTML) 3 Page - Arch Electronics Corp.

  ADF240C Datasheet HTML 1Page - Arch Electronics Corp. ADF240C Datasheet HTML 2Page - Arch Electronics Corp. ADF240C Datasheet HTML 3Page - Arch Electronics Corp. ADF240C Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : A_3
update : 2015.05.22
AC-DC Din Rail Power Supply
ADF240C
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
DC OK RELAY CONTACT
Contact Close
PSU Turns Off / DC Fail
Contact Open
PSU Turns On / DC Ok
Contact Ratings (max.)
30V / 1A
Resistive Load
DERATING
BLOCK DIAGRAM
MECHANICAL DIMENSION
( Top View )
P1
PIN#
Single
1
+DC OK
2
CS
3
+S
4
-S
5
+DC OUT
6
+DC OUT
7
-DC OK & GND
8
GND
P2
PIN#
Single
9
10
AC IN (N)
11
AC IN (L)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com