Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX147AEAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX147AEAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147AEAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX147AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 13Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 14Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 15Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
13
• • •
• • •
• • •
• • •
tSDV
tSSTRB
PD0 CLOCKED IN
tSTR
SSTRB
SCLK
CS
tSSTRB
• • •
• • • •
•
Figure 8. External Clock Mode SSTRB Detailed Timing
External Clock
In external clock mode, the external clock not only shifts
data in and out, but it also drives the analog-to-digital
conversion steps. SSTRB pulses high for one clock
period after the last bit of the control byte. Succes-
sive-approximation bit decisions are made and appear
at DOUT on each of the next 12 SCLK falling edges
(Figure 6). SSTRB and DOUT go into a high-impedance
state when CS goes high; after the next CS falling edge,
SSTRB outputs a logic low. Figure 8 shows the SSTRB
timing in external clock mode.
The conversion must complete in some minimum time,
or droop on the sample-and-hold capacitors may
degrade conversion results. Use internal clock mode if
the serial clock frequency is less than 100kHz, or if
serial clock interruptions could cause the conversion
interval to exceed 120µs.
Internal Clock
In internal clock mode, the MAX146/MAX147 generate
their own conversion clocks internally. This frees the µP
from the burden of running the SAR conversion clock
and allows the conversion results to be read back at the
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
Figure 7. Detailed Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com