Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX147AEAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX147AEAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147AEAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX147AEAP Datasheet HTML 1Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V (MAX146); VDD = +2.7V to +5.25V (MAX147); COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15
clocks/conversion cycle (133ksps); MAX146—4.7µF capacitor at VREF pin; MAX147—external reference, VREF = 2.500 V applied to
VREF pin; TA = TMIN to TMAX; unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND................................................. -0.3V to 6V
AGND to DGND ...................................................... -0.3V to 0.3V
CH0–CH7, COM to AGND, DGND ............ -0.3V to (VDD + 0.3V)
VREF, REFADJ to AGND ........................... -0.3V to (VDD + 0.3V)
Digital Inputs to DGND .............................................. -0.3V to 6V
Digital Outputs to DGND ........................... -0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ......... 889mW
SSOP (derate 8.00mW/°C above +70°C) ................... 640mW
CERDIP (derate 11.11mW/°C above +70°C) .............. 889mW
Operating Temperature Ranges
MAX146_C_P/MAX147_C_P .............................. 0°C to +70°C
MAX146_E_P/MAX147_E_P............................ -40°C to +85°C
MAX146_MJP/MAX147_MJP ........................ -55°C to +125°C
Storage Temperature Range ............................ -60°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
µs
1.5
tACQ
Differential Nonlinearity
Track/Hold Acquisition Time
ns
30
Aperture Delay
6
µs
35
65
tCONV
Conversion Time (Note 5)
5.5
7.5
ps
MHz
1.0
Full-Power Bandwidth
MHz
2.25
Small-Signal Bandwidth
dB
-85
Channel-to-Channel Crosstalk
dB
80
90
SFDR
Spurious-Free Dynamic Range
dB
-88
-80
THD
Total Harmonic Distortion
dB
70
73
SINAD
Signal-to-Noise + Distortion Ratio
LSB
±0.25
Channel-to-Channel Offset
Matching
ppm/°C
±0.25
Gain Temperature Coefficient
±0.5
<50
Bits
12
Resolution
LSB
Gain Error (Note 3)
±0.5
±4
Aperture Jitter
Offset Error
LSB
±1.0
INL
Relative Accuracy (Note 2)
LSB
±1
DNL
±0.5
±3
LSB
±0.5
±4
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
External clock = 2MHz, 12 clocks/conversion
Internal clock, SHDN = VDD
Internal clock, SHDN = FLOAT
MAX14_A
-3dB rolloff
65kHz, 2.500Vp-p (Note 4)
Up to the 5th harmonic
MAX14_B
No missing codes over temperature
MAX14_A
MAX14_B
CONDITIONS
1.8
SHDN = FLOAT
MHz
0.225
Internal Clock Frequency
SHDN = VDD
0.1
2.0
MHz
0
2.0
External Clock Frequency
Data transfer only
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 0V to 2.500Vp-p, 133ksps, 2.0MHz external clock, bipolar input mode)
CONVERSION RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com