Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX147AEAP Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX147AEAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147AEAP Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX147AEAP Datasheet HTML 16Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 17Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 18Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 19Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 20Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 21Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 22Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 23Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
21
TMS320LC3x Interface
Figure 21 shows an application circuit to interface the
MAX146/MAX147 to the TMS320 in external clock mode.
The timing diagram for this interface circuit is shown in
Figure 22.
Use the following steps to initiate a conversion in the
MAX146/MAX147 and to read the results:
1) The TMS320 should be configured with CLKX
(transmit clock) as an active-high output clock and
CLKR (TMS320 receive clock) as an active-high
input clock. CLKX and CLKR on the TMS320 are
tied together with the MAX146/MAX147’s SCLK
input.
2) The MAX146/MAX147’s CS pin is driven low by the
TMS320’s XF_ I/O port to enable data to be clocked
into the MAX146/MAX147’s DIN.
3) An 8-bit word (1XXXXX11) should be written to the
MAX146/MAX147 to initiate a conversion and place
the device into external clock mode. Refer to Table
1 to select the proper XXXXX bit values for your
specific application.
4) The MAX146/MAX147’s SSTRB output is monitored
via the TMS320’s FSR input. A falling edge on the
SSTRB output indicates that the conversion is in
progress and data is ready to be received from the
MAX146/MAX147.
5) The TMS320 reads in one data bit on each of the
next 16 rising edges of SCLK. These data bits rep-
resent the 12-bit conversion result followed by four
trailing bits, which should be ignored.
6) Pull CS high to disable the MAX146/MAX147 until
the next conversion is initiated.
011 . . . 111
011 . . . 110
000 . . . 010
000 . . . 001
000 . . . 000
111 . . . 111
111 . . . 110
111 . . . 101
100 . . . 001
100 . . . 000
- FS
COM*
INPUT VOLTAGE (LSB)
OUTPUT CODE
ZS = COM
+FS - 1LSB
*COM
VREF / 2
+ COM
FS =
VREF
2
-FS =
+ COM
-VREF
2
1LSB =
VREF
4096
≤
Figure 18. Bipolar Transfer Function, Full Scale (FS) =
VREF / 2 + COM, Zero Scale (ZS) = COM
+3V
+3V
GND
SUPPLIES
DGND
+3V
DGND
COM
AGND
VDD
DIGITAL
CIRCUITRY
MAX146
MAX147
R* = 10
Ω
*OPTIONAL
Figure 19. Power-Supply Grounding Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com