Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1627C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1627C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1627C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1627C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +3V to +16.5V, SHDN =
3/5 = 0V, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, V+ to GND.......................................-0.3V, +17V
OUT, FB,
3/5, SHDN, REF, CS, EXT to GND ...-0.3V, (V+ + 0.3V)
Maximum Current at REF (IREF) ..........................................15mA
Maximum Current at EXT (IEXT) ..........................................50mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ..........................471mW
Operating Temperature Range
MAX1626ESA/MAX1627ESA ............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
0µA
≤ IREF ≤ 100µA
ILOAD = 0µA
30mA < ILOAD < 2.0A, V+ = 8V
V+ = SHDN = 16.5V (shutdown)
6.0V < V+ < 12.0V, ILOAD = 1A
Operating, no load
Output in regulation
Output forced to 0V
V+ = 5V
3/5 = 0V or V+
MAX1627
Circuit of Figure 1,
3/5 = V+ (Note 1)
MAX1626,
3/5 = V+, output forced to 5V
SHDN = 0V or V+
MAX1627, includes hysteresis
CONDITIONS
mV
410
REF Load Regulation
V
1.27
1.30
1.33
VREF
Reference Voltage
mV/A
15
Load Regulation
mV/V
5
Line Regulation
%
100
EXT Duty-Cycle Limit
µs
1.5
2.0
2.5
810
12
Minimum EXT Off Time
Ω
10
EXT Resistance
µA
±1
3/5 Leakage Current
V
0.5
3/5 Input Voltage Low
V
V+ - 0.5
3/5 Input Voltage High
µA
±1
SHDN Input Current
V
0.4
SHDN Input Voltage Low
µA
1
I+
Supply Current into V+
70
90
V
3.0
16.5
V+
Input Voltage Range
V
1.6
SHDN Input Voltage High
mV
85
100
115
VCS
CS Threshold Voltage
µA
010
CS Input Current
nA
035
FB Leakage Current
V
2.7
2.8
Undervoltage Lockout
4.85
5.00
5.15
µA
24
37
50
IOUT
OUT Input Current
V
1.27
1.30
1.33
FB Threshold Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = 3V to 16.5V, ILOAD = 0µA
µV/V
10
100
REF Line Regulation
Circuit of Figure 1,
3/5 = 0V (Note 1)
V
3.20
3.30
3.40
VOUT
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com