Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1627C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1627C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1627C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1627C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
_______________________________________________________________________________________
5
1.310
1.280
-60 -40 -20 0
20 40 60 80 100 120 140
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
1.285
1.300
1.305
TEMPERATURE (°C)
1.295
1.290
IREF = 10µA
IREF = 0µA
IREF = 50µA
IREF = 100µA
100
µs/div
MAX1626 LOAD-TRANSIENT RESPONSE
V+ = 8V, VOUT = 3.3V, LOAD = 30mA to 2A
A: OUT, 50mV/div, 3.3V DC OFFSET
B: LOAD CURRENT, 1A/div
B
A
5ms/div
MAX1626 LINE-TRANSIENT RESPONSE
VOUT = 5V, LOAD = 1A, CIN = 33µF
A: OUT, 100mV/div, 5V DC OFFSET
B: V+ 6V to 12V, 2V/div
B
A
5ms/div
LINE-TRANSIENT RESPONSE
FROM 100% DUTY CYCLE
VOUT = 3.3V, LOAD = 1A, CIN = 47µF
A: OUT, 100mV/div, 3.3V DC OFFSET
B: V+ 3.3V to 15V, 5V/div
B
A
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
500
µs/div
MAX1626 SHUTDOWN RESPONSE TIME
AND SUPPLY CURRENT
V+ = 8V, VOUT = 5V, LOAD = 1A
A: OUT, 2V/div
B: SUPPLY CURRENT, 1A/div
C: SHDN, 5V/div
B
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com