Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1627C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1627C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1627C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1627C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1627C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5V/3.3V or Adjustable, 100% Duty-Cycle,
High-Efficiency, Step-Down DC-DC Controllers
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Ground
8
8
1.3V Reference Output. Can source 100µA. Bypass with 0.1µF.
4
4
Positive Supply Input. Bypass with 0.47µF.
5
5
Current-Sense Input. Connect current-sense resistor between V+ and CS. External
MOSFET is turned off when the voltage across the resistor equals the current-limit
trip level (around 100mV).
6
6
Gate Drive for External P-Channel MOSFET. EXT swings between V+ and GND.
7
7
Active-High Shutdown Input. Device is placed in shutdown when SHDN is driven
high. In shutdown mode, the reference, output, and external MOSFET are turned off.
Connect to GND for normal operation.
3
3
3.3V or 5V Selection. Output voltage is set to 3.3V when this pin is low or 5V when it
is high.
—
2
Feedback Input for adjustable-output operation. Connect to an external voltage
divider between the output and GND (see the
Setting the Output Voltage section).
2
—
Sense input for fixed 5V or 3.3V output operation. OUT is internally connected to an
on-chip voltage divider (MAX1626). It does not supply current. Leave OUT uncon-
nected during adjustable-output operation (MAX1627).
1
1
GND
REF
V+
CS
EXT
SHDN
3/5
FB
OUT
MAX1626
C5
0.47
µF
P
D1
RSENSE
0.04
Ω
U1
LOGIC-LEVEL MOSFET
C4
0.1
µF
3/5
SHDN
REF
V+
EXT
CS
GND
OUT
INPUT
L1
22
µH, 3A
C1
220
µF
LOW-ESR
TANTALUM
C2
68
µF LOW-ESR
TANTALUM
C3
68
µF LOW-ESR
TANTALUM
L1: SUMIDA CDRH125-220
D1: NIHON NSQ03A03
U1: MORTOLA MMSF3PO2HD
OUTPUT
Figure 1. MAX1626 Typical Operating Circuit
MAX1626
MAX1627
MINIMUM ON-TIME
ONE-SHOT
S
OUT
(FB)
3/5
R3
R2
R1
SHDN
V+
CS
R
TRIG
Q
Q
MINIMUM OFF-TIME
ONE-SHOT
CURRENT-SENSE
COMPARATOR
ERROR
COMPARATOR
REF
1.5V
EXT
REF
( ) MAX1627 ONLY
MAX1626 ONLY
TRIG
Q
Figure 2. Simplified Functional Diagram
PIN
MAX1626
FUNCTION
MAX1627
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com