Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1024 Datasheet(PDF) 6 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 6 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 2Page - LDT Co., Ltd LD1024 Datasheet HTML 3Page - LDT Co., Ltd LD1024 Datasheet HTML 4Page - LDT Co., Ltd LD1024 Datasheet HTML 5Page - LDT Co., Ltd LD1024 Datasheet HTML 6Page - LDT Co., Ltd LD1024 Datasheet HTML 7Page - LDT Co., Ltd LD1024 Datasheet HTML 8Page - LDT Co., Ltd LD1024 Datasheet HTML 9Page - LDT Co., Ltd LD1024 Datasheet HTML 10Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Ver2.1
6
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
ABSOLUTE MAXIMUM RATINGS
(Over operating free-air temperature range, unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Supply Voltage
V
DD
0 ~ 6.0
V
Output Voltage
V
OUT
-0.5 ~ 6.0
V
Output Current
I
OUT
60
mA
Input Voltage
V
IN
-0.4 ~ V
DD + 0.4
V
GND Terminal Current
I
GND
960
mA
CLOCK Frequency
F
CLK
35
MHz
Power
Dissipation
( On PCB, TA = 25 ℃)
SOP
P
D
1.67
W
SSOP
1.48
Thermal Resistance
( On PCB, TA = 25 ℃)
SOP
R
TH(J-A)
75
℃/W
SSOP
85
Operation Temperature
T
OPR
-40 ~ 85
℃
Storage Temperature
T
STG
-55 ~ 150
℃
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) All voltage values are with respect to network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com