Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1024 Datasheet(PDF) 8 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 8 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 4Page - LDT Co., Ltd LD1024 Datasheet HTML 5Page - LDT Co., Ltd LD1024 Datasheet HTML 6Page - LDT Co., Ltd LD1024 Datasheet HTML 7Page - LDT Co., Ltd LD1024 Datasheet HTML 8Page - LDT Co., Ltd LD1024 Datasheet HTML 9Page - LDT Co., Ltd LD1024 Datasheet HTML 10Page - LDT Co., Ltd LD1024 Datasheet HTML 11Page - LDT Co., Ltd LD1024 Datasheet HTML 12Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ver2.1
8
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
(1) The deviation of each output from the average of OUT0-15 constant current. It is calculated by Equation 1 in Table 1.
(2)
The deviation of average of OUT1-15 constant current from the ideal constant-current value. It is calculated by Equation 2 in
Table 1.
The ideal current is calculated by Equation 3 in Table 1.
(3) The line regulation is calculated by Equation 4 in Table 1.
(4) The load regulation is calculated by Equation 5 in Table 1.
(5) Not tested. Specified by design.
I
OUTn –IOUTavg_0-15
△(%) = ---------------------
x 100
(1)
I
OUTavg_0-15
I
OUTavgn –IOUT(IDEAL)
△(%) = -------------------
x 100
(2)
I
OUT(IDEAL)
1.18V
I
OUT(IDEAL)
= 32.5 X ----------------
(3)
R
REXT
(I
OUTn at VDD = 5.5V ) – (IOUTn at VDD = 3.0V )
100
△(%/V) = ------------------------------------------------------------ X ------
(4)
(I
OUTn at VDD = 3.0V )
2.5
(I
OUTn at VOUTn = 3.0V ) – (IOUTn at VOUTn = 1.0V )
100
△(%/V) = ------------------------------------------------------------
X ------
(5)
(I
OUTn at VOUTn = 1.0V )
2.0
Table 1. Test Parameter Equations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com