Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1024 Datasheet(PDF) 7 Page - LDT Co., Ltd

Part # LD1024
Description  Constant-Current LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Datasheet(HTML) 7 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 3Page - LDT Co., Ltd LD1024 Datasheet HTML 4Page - LDT Co., Ltd LD1024 Datasheet HTML 5Page - LDT Co., Ltd LD1024 Datasheet HTML 6Page - LDT Co., Ltd LD1024 Datasheet HTML 7Page - LDT Co., Ltd LD1024 Datasheet HTML 8Page - LDT Co., Ltd LD1024 Datasheet HTML 9Page - LDT Co., Ltd LD1024 Datasheet HTML 10Page - LDT Co., Ltd LD1024 Datasheet HTML 11Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Ver2.1
7
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
ELECTRICAL CHARACTERISTICS
AT V
DD = 3.0V to 5.5 V and TA = –40°C to +85°C. Typical values at otherwise note (Ta = -40
oC to 85oC unless otherwise noted)
Characteristicsㅊ
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
V
DD
3.0
5.0
5.5
V
Output Voltage
V
DS
5.5
-
Output
Current
OUTn
I
OUT
3
45
mA
Input
Voltage
‘H” Level
V
IH
0.7V
DD
-
1.0V
DD
V
‘L” Level
V
IL
GND
-
0.3V
DD
High-level Output Voltage
V
OH
I
OH = -1 mA, DOUT
V
DD-0.4
V
Low-level Output Voltage
V
OL
I
OL = 1 mA, DOUT
0.4
V
Input Current
I
IN
V
iN = VDD or GND at DIN, CLK ,
STROBE and OEB
-1
1
uA
Constant output current
I
(OLC)
All OUTn= ON, V
O = 1 V,
R
REXT = 1.8KΩ
42
45
48
mA
Leakage output current
I
lkg
All OUTn= off ,OEB = high, V
DS =
5 V,R
REXT= 1.8 kΩ
0.1
uA
Pin to Pin Deviation
ΔI
OLC1
All OUTn= On, V
DS = 1 V,
R
REXT = 1.8 kΩ
±1.0
±3.0
%
Chip to Chip Deviation
ΔI
OLC2
All OUTn=On , V
DS = 1 V,
R
REXT = 1.8 kΩ
±1.0
±6.0
%
Output Current vs.
Supply Voltage Regulation
ΔI
OLC3
All OUTn=On, V
DS = 1 V,
R
REXT = 1.8 kΩ
±1.0
±1.0
%/V
Output Current vs.
Output Voltage Regulation
Δ
IO(LC4)
All OUTn= ON, V
DS = 1 V to 3 V,
R
REXT = 1.8 kΩ,
OUT0 to OUT15 (4)
±0.5
±3.0
%/V
T(PTW)
Pre-thermal warning
threshold
T
(PTW)
Junction temperature(5)
125℃
138℃
150℃
℃
VLOD
V
(LOD)
All OUTn = ON
0.25
0.30
0.35
V
Supply Current
I
DD(off)1
DIN/CLK/STROBE=Low, OEB=H
R
REXT = 8.2K
0.5
2.7
mA
I
DD(off)2
DIN/CLK/STROBE=Low, OEB=H
R
REXT = 3.9 ㏀
0.6
3
mA
I
DD(on)1
DIN/CLK/STROBE=Low, OEB=L
R
REXT = 3.9 ㏀
0.6
3
mA
I
DD(on)2
DIN/CLK/STROBE=Low, OEB=L
R
REXT = 1.8 ㏀
0.8
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com