Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX197ACAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX197ACAI
Description  Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX197ACAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX197ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 14Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 15Page - Maxim Integrated Products MAX197ACAI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
__________Applications Information
Power-On Reset
At power-up, the internal power-supply circuitry sets INT
high and puts the device in normal operation/external
clock mode. This state is selected to keep the internal
clock from loading the external clock driver when the
part is used in external clock mode.
Internal or External Reference
The MAX197 can operate with either an internal or an
external reference. An external reference can be connect-
ed to either the REF pin or to the REFADJ pin (Figure 9).
To use the REF input directly, disable the internal buffer
by tying REFADJ to VDD. Using the REFADJ input elimi-
nates the need to buffer the reference externally.
When the reference is applied at REFADJ, bypass
REFADJ with a 0.01µF capacitor to AGND.
The REFADJ internal buffer gain is trimmed to 1.6384 to
provide 4.096V at the REF pin from a 2.5V reference.
Internal Reference
The internally trimmed 2.50V reference is gained
through the REFADJ buffer to provide 4.096V at REF.
Bypass the REF pin with a 4.7µF capacitor to AGND
and the REFADJ pin with a 0.01µF capacitor to AGND.
The internal reference voltage is adjustable to ±1.5%
(±65 LSBs) with the reference-adjust circuit of Figure 1.
External Reference
At REF and REFADJ, the input impedance is a mini-
mum of 10k
Ω for DC currents. During conversions, an
external reference at REF must be able to deliver
400µA DC load currents, and must have an output
impedance of 10
Ω or less. If the reference has higher
input impedance or is noisy, bypass it close to the REF
pin with a 4.7µF capacitor to AGND.
With an external reference voltage of less than 4.096V
at the REF pin or less than 2.5V at the REFADJ pin, the
increase in the ratio of the RMS noise to the LSB value
(FS / 4096) results in performance degradation (loss of
effective bits).
Multi-Range (±10V, ±5V, +10V, +5V),
Single +5V, 12-Bit DAS with 8+4 Bus Interface
______________________________________________________________________________________
13
REF
10k
2.5V
26
4.7
µF
CREF
0.01
µF
25
REFADJ
AV = 1.638
MAX197
Figure 9a. Internal Reference
REF
10k
2.5V
26
4.7
µF
CREF
2.5V
25
REFADJ
AV = 1.638
0.01
µF
MAX197
Figure 9c. External Reference, Reference at REFADJ
REF
VDD
10k
2.5V
26
4.096V
4.7
µF
CREF
25
REFADJ
AV = 1.638
MAX197
Figure 9b. External Reference, Reference at REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com