Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199ACWI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX199ACWI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199ACWI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX199ACWI Datasheet HTML 1Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 2Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 3Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 4Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 5Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 6Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 7Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 8Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX199 multi-range, 12-bit data-acquisition system
(DAS) requires only a single +5V supply for operation,
and converts analog signals up to ±4V at its inputs. This
system provides eight analog input channels that are
independently software programmable for a variety of
ranges: ±VREF, ±VREF/2, 0V to VREF, or 0V to VREF/2.
This increases effective dynamic range to 14 bits, and
provides the user flexibility to interface 4mA-to-20mA,
±12V, and ±15V powered sensors to a single +5V sys-
tem. In addition, the converter is fault-protected to
±16.5V; a fault condition on any channel will not affect
the conversion result of the selected channel. Other fea-
tures include a 5MHz bandwidth track/hold, 100ksps
throughput rate, internal/external clock, internal/external
acquisition control, 8+4 parallel interface, and operation
with an internal 4.096V or external reference.
A hardware SHDN pin and two programmable power-
down modes (STBYPD, FULLPD) provide low-current
shutdown between conversions. In STBYPD mode, the
reference buffer remains active, eliminating start-up
delays.
The MAX199 employs a standard microprocessor (µP)
interface. Its three-state data I/O interface is configured
to operate with 8-bit data buses, and data-access and
bus-release timing specifications are compatible with
most popular µPs. All logic inputs and outputs are
TTL/CMOS compatible.
The MAX199 is available in 28-pin DIP, wide SO, SSOP,
and ceramic SB packages.
For a different combination of input ranges (±10V, ±5V,
0V to 10V, 0V to 5V), see the MAX197 data sheet. For 12-
bit bus interfaces, see the MAX196/MAX198 data sheet.
________________________Applications
Industrial-Control Systems
Robotics
Data-Acquisition Systems
Automatic Testing Systems
Medical Instruments
Telecommunications
____________________________Features
o 12-Bit Resolution, 1/2LSB Linearity
o Single +5V Operation
o Software-Selectable Input Ranges:
±VREF, ±VREF/2, 0V to VREF, 0V to VREF/2
o Internal 4.096V or External Reference
o Fault-Protected Input Multiplexer (±16.5V)
o 8 Analog Input Channels
o 6µs Conversion Time, 100ksps Sampling Rate
o Internal or External Acquisition Control
o Two Power-Down Modes
o Internal or External Clock
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DGND
VDD
REF
REFADJ
INT
CH7
AGND
CH6
CH5
CH4
CH3
CH2
CH1
CH0
D0/D8
D1/D9
D2/D10
D3/D11
D4
D5
D6
D7
SHDN
HBEN
RD
WR
CS
CLK
DIP/SO/SSOP/Ceramic SB
TOP VIEW
MAX199
__________________Pin Configuration
Call toll free 1-800-722-8266 for free samples or literature.
19-0401; Rev 0; 6/95
PART
MAX199ACNI
MAX199BCNI
MAX199ACWI
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Narrow Plastic DIP
28 Narrow Plastic DIP
28 Wide SO
______________Ordering Information
MAX199BCWI
0°C to +70°C
28 Wide SO
MAX199ACAI
0°C to +70°C
28 SSOP
MAX199BCAI
0°C to +70°C
28 SSOP
MAX199BC/D
0°C to +70°C
Dice*
Functional Diagram appears at end of data sheet.
Ordering Information continued at end of data sheet.
*Dice are specified at TA = +25°C, DC parameters only.


Similar Part No. - MAX199ACWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX199ACWI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
4-Bit Bus Switch with -2V Undershoot Protection
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
08-Nov-2005
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
04-Apr-2008
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com