Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199ACWI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX199ACWI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199ACWI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX199ACWI Datasheet HTML 8Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 9Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 10Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 11Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 12Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 13Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 14Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 15Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
_________________________________________________________Functional Diagram
T/H
THREE-STATE, BIDIRECTIONAL
I/O INTERFACE
MUX
4
4
12
8
10k
8
8
8
SUCCESSIVE-
APPROXIMATION
REGISTER
CHARGE REDISTRIBUTION
12-BIT DAC
CLOCK
SIGNAL
CONDITIONING
BLOCK
&
OVERVOLTAGE
TOLERANT
MUX
CONTROL LOGIC
&
LATCHES
REF
REFADJ
+2.5V
REFERENCE
D0–D7
8-BIT DATA BUS
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
CLK
CS
WR
RD
SHDN
INT
VDD
AGND
DGND
HBEN
MAX199
AV =
1.638
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com